Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 33 Page - Texas Instruments

Part # PCM9211
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM9211 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 29Page - Texas Instruments PCM9211 Datasheet HTML 30Page - Texas Instruments PCM9211 Datasheet HTML 31Page - Texas Instruments PCM9211 Datasheet HTML 32Page - Texas Instruments PCM9211 Datasheet HTML 33Page - Texas Instruments PCM9211 Datasheet HTML 34Page - Texas Instruments PCM9211 Datasheet HTML 35Page - Texas Instruments PCM9211 Datasheet HTML 36Page - Texas Instruments PCM9211 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
33
DIX4192-Q1
www.ti.com
SBFS041A – JULY 2016 – REVISED APRIL 2017
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table 11. Register 08: Transmitter Control Register 2 Field Descriptions (continued)
BYPMUX[1:0]
Bypass Multiplexer Source Selection
These bits select the line receiver output to be used as the bypass multiplexer data source.
BYPMUX1
BYPMUX0
Line Receiver Output Selection
0
0
RX1 (default)
0
1
RX2
1
0
RX3
1
1
RX4
Figure 31. Register 09: Transmitter Control Register 3
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
0
VALSEL
TXCUS1
TXCUS0
Table 12. Register 09: Transmitter Control Register 3 Field Descriptions
TXCUS[1:0]
Transmitter Channel Status and User Data Source
These bits select the source of the channel status (or C) data and user (or U) data which is used to load the DIT User Access (UA) buffers.
TXCUS1
TXCUS0
DIT UA Buffer Source
0
0
The buffers will not be updated. (default)
0
1
The buffers are updated through the SPI or I2C host interface.
1
0
The buffers are updated through the DIR RA buffers.
1
1
The first 10 bytes of the buffers are updated through the SPI or I2C host, while the
remainder of the buffers are updated through the DIR RA buffers.
VALSEL
Transmitter Validity Bit Source
This bit is used to select the source for the validity (or V) bit in the AES3-encoded output data stream.
VALSEL
Validity (or V) Bit Source Selection
0
The VALID bit in control register 0x07.
1
The V bit is transferred from the DIR block with zero latency.
Figure 32. Register 0A: DIT Status (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
0
0
TSLIP
TBTI
Table 13. Register 0A: DIT Status (Read-Only) Field Descriptions
TBTI
Transmitter Buffer Transfer Status, Active High
When DIT User Access (UA) to Transmitter Access (TA) buffer transfers are enabled (the TXBTD bit in control register 0x08 is set to
0), and the TBTI interrupt is unmasked (the MTBTI bit in control register 0x0B is set to 1), the TBTI bit will be set to 1 when the UA-to-
TA buffer transfer has completed. This configuration also causes the INT output (pin 23) to be driven low and the TX bit in status
register 0x02 to be set to 1, indicating that an interrupt has occurred.
TSLIP
Transmitter Source Data Slip Status, Active High
The TSLIP bit will be set to 1 when either an asynchronous data slip or block start condition is detected, and the TSLIP interrupt is
unmasked (the MTSLIP bit in control register 0x0B is set to 1). The BSSL bit in control register 0x07 is used to set the source for this
interrupt.
The TSLIP bit being forced to 1 will also cause the INT output (pin 23) to be driven low and the TX bit in status register 0x02 to be set
to 1, indicating that an interrupt has occurred.
Figure 33. Register 0B: DIT Interrupt Mask Register
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
0
0
MTSLIP
MTBTI
Table 14. Register 0B: DIT Interrupt Mask Register Field Descriptions
MBTI
Transmitter Buffer Transfer Interrupt Mask
MTBI
BTI Interrupt Mask
0
BTI interrupt is masked. (default)
1
BTI interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com