Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 57 Page - Texas Instruments

Part # PCM9211
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM9211 Datasheet(HTML) 57 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 53Page - Texas Instruments PCM9211 Datasheet HTML 54Page - Texas Instruments PCM9211 Datasheet HTML 55Page - Texas Instruments PCM9211 Datasheet HTML 56Page - Texas Instruments PCM9211 Datasheet HTML 57Page - Texas Instruments PCM9211 Datasheet HTML 58Page - Texas Instruments PCM9211 Datasheet HTML 59Page - Texas Instruments PCM9211 Datasheet HTML 60Page - Texas Instruments PCM9211 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
SN74AVC1T45
orEquivalent
IfVIO<+3.0V.
VIO
+5V
5
+3.3V
6
3
1
2
4
ToBalancedorUnbalanced
LineInterface
AESOUT
2
8
7
ToBalancedorUnbalanced
LineInterface
3
6
5
1
1
SN75ALS191
SN74AHCT1G125
orEquivalent
+5V
5
2
1
3
4
Directtoexternallogic
operatingfromtheVIOsupply.
AESOUT
To+5VLogic
(VIOsupply=+3.0Vto+3.3V)
(1)ToshibaTOTX141,TOTX173,TOTX176,TOTX179,orequivalent.
SN74AVC1T45
orEquivalent
IfVIO<+3.0V.
VIO
5
+3.3V
6
3
1
2
4
All-PlasticFiber
(5or10metersmaximum)
AESOUT
Optical
Transmitter
(1)
57
DIX4192-Q1
www.ti.com
SBFS041A – JULY 2016 – REVISED APRIL 2017
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Application Information (continued)
Figure 79. Interfacing to an Optical Transmitter Module
The AESOUT output may also be used to drive external logic or line driver devices directly. Figure 80 shows the
recommended logic interface techniques, including connections with and without level translation. Figure 81
shows an external line driver interface using the Texas Instruments SN75ALS191 dual differential line driver. If
the VIO supply of the DIX4192-Q1 is set from 3 V to 3.3 V, no logic level translation will be required between the
AESOUT output and the line driver input. If the VIO supply voltage is below this range, then the optional logic
level translation logic of Figure 81 will be required. The SN75ALS191 dual line driver is especially useful in
applications where simultaneous 75-
Ω and 110-Ω line interfaces are required.
Figure 80. CMOS or TTL Output Logic Interface
Figure 81. External Line Driver Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com