Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM9211
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM9211 Datasheet(HTML) 5 Page - Texas Instruments

  PCM9211 Datasheet HTML 1Page - Texas Instruments PCM9211 Datasheet HTML 2Page - Texas Instruments PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
5
DIX4192-Q1
www.ti.com
SBFS041A – JULY 2016 – REVISED APRIL 2017
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GPO4
29
O
General-purpose output 4
INT
23
O
Interrupt flag (open-drain, active low)
LOCK
11
O
DIR PLL lock flag (active low)
LRCKA
38
I/O
Audio serial Port A left/right clock
LRCKB
47
I/O
Audio serial Port B left/right clock
MCLK
25
I
Master clock
NC
14, 15, 41
—
No internal signal connection, internally bonded to ESD pad
RST
24
I
Reset (active low)
RX1+
1
I
Line receiver 1, noninverting input
RX1–
2
I
Line receiver 1, inverting input
RX2+
3
I
Line receiver 2, noninverting input
RX2–
4
I
Line receiver 2, inverting input
RX3+
5
I
Line receiver 3, noninverting input
RX3–
6
I
Line receiver 3, inverting input
RX4+
7
I
Line receiver 4, noninverting input
RX4–
8
I
Line receiver 4, inverting input
RXCKI
13
I
DIR reference clock
RXCKO
12
O
DIR recovered master clock (tri-state output)
SDINA
39
I
Audio serial Port A data input
SDINB
46
I
Audio serial Port B data input
SDOUTA
40
O
Audio serial Port A data output
SDOUTB
45
O
Audio serial Port B data output
SYNC
36
O
DIT internal sync clock
TX+
32
O
DIT line driver noninverting output
TX–
31
O
DIT line driver inverting output
VCC
9
PWR
DIR comparator and PLL power supply, 3.3-V nominal
VDD18
17
PWR
Digital core supply, 1.8-V nominal
VDD33
33
PWR
DIR line receiver bias and DIT line driver supply, 3.3-V nominal
VIO
42
PWR
Logic I/O supply, 1.65 V to 3.6 V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply
VDD18
–0.3
2
V
VDD33
–0.3
4
VIO
–0.3
4
VCC
–0.3
4
Digital input voltage: digital logic
RXCKI, CPM, CS, CCLK, CDIN, CDOUT, INT, RST,
MCLK, BLS, SYNC, BCKA, BCKB, LRCKA, LRCKB,
SDINA, SDINB
–0.3
(VIO + 0.3)
V
Line receiver input voltage (per pin)
RX1+, RX1–, RX2+, RX2–, RX3+, RX3–, RX4+, RX4–
(VDD33 + 0.3)
VPP
Input current (all pins except power and ground)
±10
mA
Ambient operating temperature, TA
DIX4192I-Q1
–40
85
°C
DIX4192T-Q1
–40
105
Storage temperature, Tstg
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com