Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM9211
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM9211 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments PCM9211 Datasheet HTML 10Page - Texas Instruments PCM9211 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
7
DIX4192-Q1
www.ti.com
SBFS041A – JULY 2016 – REVISED APRIL 2017
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
all specifications are at TA = 25°C, VDD18 = 1.8 V, VDD33 = 3.3 V, VIO = 3.3 V, and VCC = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
The typical VIO supply current is measured using the DIX4192-Q1EVM evaluation module with loading from the DAIMB motherboard
circuitry. VIO supply current is dependent upon the loading on the logic output pins.
PLL lock range
TA = 25°C
20
216
kHz
TA = 85°C or 105°C
24
216
fRXCKI
Reference clock input (RXCKI) frequency
3.5
27.7
MHz
fRXCKID
Reference clock input (RXCKI) duty cycle
45%
55%
fRXCKO
Recovered clock output (RXCKO) frequency
3.5
27.7
MHz
fRXCKOD Recovered clock output (RXCKO) duty cycle
45%
55%
Recovered clock output (RXCKO) intrinsic
jitter
Measured cycle-to-cycle
250
ps RMS
DIGITAL AUDIO INTERFACE TRANSMITTER (DIT)
Intrinsic output jitter
Measured cycle-to-cycle
200
ps RMS
POWER SUPPLIES
Supply current: initial startup
All blocks powered down by default
IDD18S
VDD18 = 1.8 V
10
μA
IDD33S
VDD33 = 3.3 V
10
IIOS
VIO = 3.3 V
300
ICCS
VCC = 3.3 V
10
Supply current: quiescent
All blocks powered up with no clocks applied
IDD18Q
VDD18 = 1.8 V
2.3
mA
IDD33Q
VDD33 = 3.3 V
0.6
IIOQ
VIO = 3.3 V
0.3
ICCQ
VCC = 3.3 V
6.3
Supply current: dynamic
All blocks powered up, fS = 48 kHz
IDD18D
VDD18 = 1.8 V
5.1
mA
IDD33D
VDD33 = 3.3 V
14.1
IIOD(1)
VIO = 3.3 V
46
ICCD
VCC = 3.3 V
7.4
Supply current: high sampling rate
All blocks powered up, fS = 192 kHz
IDD18H
VDD18 = 1.8 V
6.7
mA
IDD33H
VDD33 = 3.3 V
15
IIOH(1)
VIO = 3.3 V
47
ICCH
VCC = 3.3 V
7.5
Total power dissipation: initial startup
All blocks powered down by default
1
mW
Total power dissipation: quiescent
All blocks powered up with no clocks applied
28
mW
Total power dissipation: dynamic
All blocks powered up, fS = 48 kHz
233
mW
Total power dissipation: high sampling rate
All blocks powered up, fS = 192 kHz
242
mW
8.6 Timing Requirements
MIN
NOM
MAX
UNIT
AUDIO SERIAL PORTS (PORT A AND PORT B)
fLRCK
LRCK clock frequency
0
216
kHz
tLRCKD
LRCK clock duty cycle
50%
fBCK
BCK clock frequency
0
13.824
MHz
tBCKH
BCK high pulse duration
10
ns
tBCKL
BCK low pulse duration
10
ns
tAIS
Audio data Input (SDIN) set-up time
10
ns
tAISH
Audio data input (SDIN) hold time
10
ns
tADD
Audio data output (SDOUT) delay
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com