Electronic Components Datasheet Search
  English  ▼

X  

LM89C Datasheet(PDF) 16 Page - Texas Instruments

Part # LM89C
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89C Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM89C Datasheet HTML 12Page - Texas Instruments LM89C Datasheet HTML 13Page - Texas Instruments LM89C Datasheet HTML 14Page - Texas Instruments LM89C Datasheet HTML 15Page - Texas Instruments LM89C Datasheet HTML 16Page - Texas Instruments LM89C Datasheet HTML 17Page - Texas Instruments LM89C Datasheet HTML 18Page - Texas Instruments LM89C Datasheet HTML 19Page - Texas Instruments LM89C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
1
9
1
9
SMBCLK
D7
D6
D5
D4
D3
D2
D1
D0
SMBDat
a
Ack
by
LM89
Start
by
Master
Address byte.
No Ack
by
Master
Stop
by
Master
A6
A5
A4
A3
A2
A1
A0
Frame 1
Serial Bus Address Byte
Frame 2
Data Byte from the LM89
R/W
LM89
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
www.ti.com
9.3.8.1 SMBus Timing Diagrams
Figure 9. LM89 Timing Diagram
(A) Serial Bus Write To The Internal Command Register Followed By A The Data Byte
Figure 10. LM89 Timing Diagram
(B) Serial Bus Write To The Internal Command Register
Figure 11. LM89 Timing Diagram
(C) Serial Bus Read From A Register With The Internal Command Register Preset To Desired Value
9.3.9 Serial Interface Reset
In the event that the SMBus Master is RESET while the LM89 is transmitting on the SMBData line, the LM89
must be returned to a known state in the communication protocol. This may be done in one of two ways:
1. When SMBData is LOW, the LM89 SMBus state machine resets to the SMBus idle state if either SMBData
or SMBCLK are held low for more than 35 ms (tTIMEOUT). Note that according to SMBus specification 2.0 all
devices are to timeout when either the SMBCLK or SMBData lines are held low for 25-35 ms. Therefore, to
insure a timeout of all devices on the bus the SMBCLK or SMBData lines must be held low for at least 35
ms.
2. When SMBData is HIGH, have the master initiate an SMBus start. The LM89 will respond properly to an
16
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com