Electronic Components Datasheet Search
  English  ▼

X  

LM89C Datasheet(PDF) 17 Page - Texas Instruments

Part # LM89C
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89C Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM89C Datasheet HTML 13Page - Texas Instruments LM89C Datasheet HTML 14Page - Texas Instruments LM89C Datasheet HTML 15Page - Texas Instruments LM89C Datasheet HTML 16Page - Texas Instruments LM89C Datasheet HTML 17Page - Texas Instruments LM89C Datasheet HTML 18Page - Texas Instruments LM89C Datasheet HTML 19Page - Texas Instruments LM89C Datasheet HTML 20Page - Texas Instruments LM89C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
LM89
www.ti.com
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
SMBus start condition at any point during the communication. After the start the LM89 will expect an SMBus
address byte.
9.3.10 Digital Filter
In order to suppress erroneous remote temperature readings due to noise, the LM89 incorporates a user-
configured digital filter. The filter is accessed in the FILTER and ALERT CONFIGURE REGISTER at BFh. The
filter can be set according to the following table.
D2
D1
Filter
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
Level 2 sets maximum filtering.
Figure 13 depicts the filter output in response to a step input and an impulse input. Figure 14 depicts the digital
filter in use in a Pentium 4 processor system. Note that the two curves, with filter and without, have been
purposely offset so that both responses can be clearly seen. Inserting the filter does not induce an offset as
shown.
Figure 12. Filter Output Response To A Step Input
Figure 13. Filter Output Response To A Step Input
A) Step Response
B) Impulse Response
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com