Electronic Components Datasheet Search
  English  ▼

X  

LM89C Datasheet(PDF) 7 Page - Texas Instruments

Part # LM89C
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89C Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM89C Datasheet HTML 3Page - Texas Instruments LM89C Datasheet HTML 4Page - Texas Instruments LM89C Datasheet HTML 5Page - Texas Instruments LM89C Datasheet HTML 6Page - Texas Instruments LM89C Datasheet HTML 7Page - Texas Instruments LM89C Datasheet HTML 8Page - Texas Instruments LM89C Datasheet HTML 9Page - Texas Instruments LM89C Datasheet HTML 10Page - Texas Instruments LM89C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
VIH
VIL
SMBCLK
P
S
VIH
VI
L
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
LM89
www.ti.com
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
8.8 SMBus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VDD = +3.0Vdc to +3.6Vdc, CL (load capacitance) on output lines = 80
pF. Unless otherwise noted, MIN and MAX limits apply for TA = TJ = TMIN to TMAX and typical limits TA= TJ= +25°C.
The switching characteristics of the LM89 fully meet or exceed the published specifications of the SMBus version 2.0. The
following parameters are the timing relationships between SMBCLK and SMBData signals related to the LM89. They adhere
to but are not necessarily the SMBus bus specifications.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
Unit
fSMB
SMBus Clock Frequency
10
100
kHz
tLOW
SMBus Clock Low Time
from VIN(0)max to VIN(0)max
4.7
25,000
µs
tHIGH
SMBus Clock High Time
from VIN(1)min to VIN(1)min
4.0
µs
tR,SMB
SMBus Rise Time
(3)
1
µs
tF,SMB
SMBus Fall Time
(4)
0.3
µs
tOF
Output Fall Time
CL = 400pF,
250
ns
IO = 3mA,
(4)
tTIMEOUT
SMBData and SMBCLK Time Low for Reset
25
35
ms
of Serial Interface (5)
tSU;DAT
Data In Setup Time to SMBCLK High
250
ns
tHD;DAT
Data Out Stable after SMBCLK Low
300
900
ns
tHD;STA
Start Condition SMBData Low to SMBCLK
100
ns
Low (Start condition hold before the first
clock falling edge)
tSU;STO
Stop Condition SMBCLK High to SMBData
100
ns
Low (Stop Condition Setup)
tSU;STA
SMBus Repeated Start-Condition Setup
0.6
µs
Time, SMBCLK High to SMBData Low
tBUF
SMBus Free Time Between Stop and Start
1.3
µs
Conditions
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Typical values are at TA = 25°C and represent most likely parametric norm.
(3)
The output rise time is measured from (VIN(0)max + 0.15V) to (VIN(1)min − 0.15V).
(4)
The output fall time is measured from (VIN(1)min - 0.15V) to (VIN(1)min + 0.15V).
(5)
Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM89's SMBus state machine,
therefore setting SMBData and SMBCLK pins to a high impedance state.
Figure 2. SMBus Communication
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com