Electronic Components Datasheet Search
  English  ▼

X  

LM89C Datasheet(PDF) 2 Page - Texas Instruments

Part # LM89C
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89C Datasheet(HTML) 2 Page - Texas Instruments

  LM89C Datasheet HTML 1Page - Texas Instruments LM89C Datasheet HTML 2Page - Texas Instruments LM89C Datasheet HTML 3Page - Texas Instruments LM89C Datasheet HTML 4Page - Texas Instruments LM89C Datasheet HTML 5Page - Texas Instruments LM89C Datasheet HTML 6Page - Texas Instruments LM89C Datasheet HTML 7Page - Texas Instruments LM89C Datasheet HTML 8Page - Texas Instruments LM89C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LM89
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
www.ti.com
Table of Contents
9.1
Overview ................................................................... 9
1
Features .................................................................. 1
9.2
Functional Block Diagram ......................................... 9
2
Applications ........................................................... 1
9.3
Feature Description................................................... 9
3
Description ............................................................. 1
9.4
Device Functional Modes........................................ 18
4
Remote Diode Temperature Sensor System
9.5
Programming .......................................................... 19
Diagram................................................................... 1
9.6
Register Maps ........................................................ 19
5
Revision History..................................................... 2
10
Application and Implementation........................ 24
6
Device Comparison Table..................................... 3
10.1
Application Information.......................................... 24
7
Pin Configuration And Functions ........................ 3
10.2
Typical Application ............................................... 24
8
Specifications......................................................... 4
10.3
Do's and Don'ts .................................................... 26
8.1
Absolute Maximum Ratings ...................................... 4
11
Power Supply Recommendations ..................... 27
8.2
Handling Ratings....................................................... 5
12
Layout................................................................... 28
8.3
Recommended Operating Conditions ....................... 5
12.1
Layout Guidelines ................................................. 28
8.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 28
8.5
Temperature-To-Digital Converter Characteristics ... 5
13
Device and Documentation Support ................. 29
8.6
Digital DC Characteristics ......................................... 6
13.1
Trademarks ........................................................... 29
8.7
Timing Requirements ................................................ 6
13.2
Electrostatic Discharge Caution ............................ 29
8.8
SMBus Digital Switching Characteristics .................. 7
13.3
Glossary ................................................................ 29
8.9
Typical Characteristics .............................................. 8
14
Mechanical, Packaging, and Orderable
9
Detailed Description .............................................. 9
Information ........................................................... 29
5 Revision History
Changes from Revision C (March 2013) to Revision D
Page
•
Changed data sheet flow and layout to conform with new Texas Instruments standards. Added the following
sections: Application and Implementation, Power Supply Recommendations, Layout, Device and Documentation
Support, Mechanical, Packaging, and Orderable Information. ............................................................................................... 1
•
Added information for LM89-1DIMM throughout document. .................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com