Electronic Components Datasheet Search
  English  ▼

X  

LM89C Datasheet(PDF) 25 Page - Texas Instruments

Part # LM89C
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89C Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM89C Datasheet HTML 21Page - Texas Instruments LM89C Datasheet HTML 22Page - Texas Instruments LM89C Datasheet HTML 23Page - Texas Instruments LM89C Datasheet HTML 24Page - Texas Instruments LM89C Datasheet HTML 25Page - Texas Instruments LM89C Datasheet HTML 26Page - Texas Instruments LM89C Datasheet HTML 27Page - Texas Instruments LM89C Datasheet HTML 28Page - Texas Instruments LM89C Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Vbe = K
ln (N)
k T
q
IF = IS e
Vbe
KVt
Vt =
k T
q
IF = IS e
- 1
Vbe
KVt
LM89
www.ti.com
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
Typical Application (continued)
where
(1)
where
•
q = 1.6×10
−19 Coulombs (the electron charge),
•
T = Absolute Temperature in Kelvin
•
k = 1.38×10
−23joules/K (Boltzmann's constant),
•
η is the nonideality factor of the process the diode is manufactured on,
•
IS = Saturation Current and is process dependent,
•
If= Forward Current through the base emitter junction
•
VBE = Base Emitter Voltage drop
(2)
In the active region, the -1 term is negligible and may be eliminated, yielding the following equation
(3)
In the above equation,
η and IS are dependant upon the process that was used in the fabrication of the particular
diode. By forcing two currents with a very controlled ratio (N) and measuring the resulting voltage difference, it is
possible to eliminate the IS term. Solving for the forward voltage difference yields the relationship:
(4)
The voltage seen by the LM89 also includes the IFRS voltage drop of the series resistance. The nonideality
factor,
η, is the only other parameter not accounted for and depends on the diode that is used for measurement.
Since
ΔVBE is proportional to both η and T, the variations in η cannot be distinguished from variations in
temperature. Since the nonideality factor is not controlled by the temperature sensor, it will directly add to the
inaccuracy of the sensor. For the Pentium 4 and Mobile Pentium Processor-M Intel specifies a ±0.1% variation in
η from part to part. As an example, assume a temperature sensor has an accuracy specification of ±1°C at room
temperature of 25 °C and the process used to manufacture the diode has a nonideality variation of ±0.1%. The
resulting accuracy of the temperature sensor at room temperature will be:
TACC = ± 1°C + (±0.1% of 298 °K) = ±1.4 °C
(5)
The additional inaccuracy in the temperature measurement caused by
η, can be eliminated if each temperature
sensor is calibrated with the remote diode that it will be paired with.
Processor Family
η, nonideality
MIN
TYP
MAX
Pentium III CPUID 67h
1
1.0065
1.0125
Pentium III CPUID 68h/PGA370Socket/Celeron
1.0057
1.008
1.0125
Pentium 4, 423 pin
0.9933
1.0045
1.0368
Pentium 4, 478 pin
0.9933
1.0045
1.0368
0.13 micron, Pentium 4
1.0011
1.0021
1.0030
MMBT3904
1.003
AMD Athlon MP model 6
1.002
1.008
1.016
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com