Electronic Components Datasheet Search
  English  ▼

X  

LM89C Datasheet(PDF) 6 Page - Texas Instruments

Part # LM89C
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89C Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM89C Datasheet HTML 2Page - Texas Instruments LM89C Datasheet HTML 3Page - Texas Instruments LM89C Datasheet HTML 4Page - Texas Instruments LM89C Datasheet HTML 5Page - Texas Instruments LM89C Datasheet HTML 6Page - Texas Instruments LM89C Datasheet HTML 7Page - Texas Instruments LM89C Datasheet HTML 8Page - Texas Instruments LM89C Datasheet HTML 9Page - Texas Instruments LM89C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM89
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
www.ti.com
Temperature-To-Digital Converter Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD= +3.0Vdc to 3.6Vdc. Unless otherwise noted, MIN and MAX limits
apply for TA = TJ = TMIN to TMAX and typical limits TA= TJ= +25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Quiescent Current (4)
SMBus Inactive, 16Hz conversion
0.8
1.7
mA
rate
Shutdown
315
µA
D
− Source Voltage
0.7
V
Diode Source Current
(D+
− D−) = +0.65V; high level
110
160
315
µA
Low level
7
13
20
µA
ALERT and T_CRIT_A Output Saturation
IOUT = 6.0 mA
0.4
V
Voltage
Power-On Reset Threshold
Measure on VDD input, falling
1.8
2.4
V
edge
Local and Remote HIGH Default Temperature
(5)
70
°C
settings
Local and Remote LOW Default Temperature
(5)
0
°C
settings
Local T_CRIT Default Temperature Setting for
(5)
85
°C
LM89-1C and LM89C
Local T_CRIT Default Temperature Setting for
(5)
105
°C
LM89-1D
Remote T_CRIT Default Temperature Setting
(5)
110
°C
(4)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(5)
Default values set at power up.
8.6 Digital DC Characteristics
Unless otherwise noted, these specifications apply for VDD = +3.0Vdc to 3.6Vdc. Unless otherwise noted, MIN and MAX limits
apply for TA = TJ = TMIN to TMAX and typical limits TA= TJ= +25°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SMBData, SMBCLK INPUTS
VIN(1)
Logical “1” Input Voltage
2.1
V
VIN(0)
Logical “0”Input Voltage
0.8
V
VIN(HYST)
SMBData and SMBCLK Digital Input
400
mV
Hysteresis
IIN(1)
Logical “1” Input Current
VIN = VDD
0.005
10
µA
IIN(0)
Logical “0” Input Current
VIN = 0 V
-10
−0.005
µA
CIN
Input Capacitance
5
pF
ALL DIGITAL OUTPUTS
IOH
High Level Output Current
VOH = VDD
10
µA
VOL
SMBus Low Level Output Voltage
IOL = 4mA
0.4
V
IOL = 6mA
0.6
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Typical values are at TA = 25°C and represent most likely parametric norm.
8.7 Timing Requirements
Unless otherwise noted, these specifications apply for VDD = +3.0Vdc to +3.6Vdc. Unless otherwise noted, MIN and MAX
limits apply for TA = TJ = TMIN to TMAX and typical limits TA= TJ= +25°C.
PARAMETER
MIN(1)
TYP(2)
MAX(1)
UNIT
Conversion Time of All Temperatures at the Fastest Setting (3)
31.25
34.4
ms
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Typical values are at TA = 25°C and represent most likely parametric norm.
(3)
This specification is provided only to indicate how often temperature data is updated. The LM89 can be read at any time without regard
to conversion state (and will yield last conversion result)
6
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com