Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA694
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 2Page - Texas Instruments OPA694 Datasheet HTML 3Page - Texas Instruments OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
OPA3695
SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008 ............................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +5V (continued)
Boldface limits are tested at +25°C.
At RF = 348Ω, RL = 100Ω to 2.5V, and G = +8, unless otherwise noted.
OPA3695
TYP
MIN/MAX OVER TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
70°C
(3)
+85°C
(3)
UNITS
MAX
LEVEL
(1)
OUTPUT
Most positive output voltage
No load
4.2
4.0
3.9
3.8
V
min
A
RL = 100Ω load to 2.5V
4.0
3.9
3.8
3.7
V
min
A
Least positive output voltage
No load
0.9
1.0
1.1
1.2
V
max
A
RL = 100Ω load to 2.5V
1.0
1.1
1.2
1.3
V
max
A
Current output, sourcing
VO = 2.5V
+90
+70
+67
+66
mA
min
A
Current output, sinking
VO = 2.5V
–90
–70
–67
–66
mA
min
A
Closed-loop output impedance
G = +2, f = 100kHz
0.05
Ω
typ
C
DISABLE (Disabled LOW)
Power-down supply current (+VS)
Per channel, VDIS = 0V
–100
–160
–177
–180
µA
max
C
Disable time
1
µs
typ
C
Enable time
25
ns
typ
C
Off isolation
G = +8, 10MHz
70
dB
typ
C
Output capacitance in disable
4
pF
typ
C
Turn-on glitch
G = +2, RL = 150Ω, VIN = 2.5V
±100
mV
typ
C
Turn-off glitch
G = +2, RL = 150Ω, VIN = 2.5V
±20
mV
typ
C
Enable voltage
3.3
3.5
3.6
3.7
V
min
A
Disable voltage
1.8
1.7
1.6
1.5
V
max
A
Control pin input bias current (DIS)
VDIS = 0V
75
130
143
149
µA
max
C
POWER SUPPLY
Specified single-supply operating voltage
5
V
typ
C
Maximum single-supply operating voltage range
12
V
max
A
Minimum operating voltage range
3.5
3.6
3.8
V
min
B
Maximum quiescent current
Per channel, VS = +5V
11.4
12.1
12.6
13.0
mA
max
A
Minimum quiescent current
Per channel, VS = +5V
11.4
10.6
9.1
8.8
mA
min
A
Power-supply rejection ratio (–PSRR)
Input-referred
56
dB
typ
C
TEMPERATURE RANGE
Specification: IDBQ
–40 to +85
°C
typ
C
Thermal resistance,
θ
JA
Junction-to-ambient
DBQ
SSOP-16
80
°C/W
typ
C
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com