Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA694
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 1 Page - Texas Instruments

  OPA694 Datasheet HTML 1Page - Texas Instruments OPA694 Datasheet HTML 2Page - Texas Instruments OPA694 Datasheet HTML 3Page - Texas Instruments OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
OP
A3695
OP
A3695
1
FEATURES
DESCRIPTION
APPLICATIONS
-5V
+5V
MONITOROUTPUT
-
+
604W
604W
75W
75W
-
+
604W
604W
75W
-
+
604W
604W
75W
A
B
C
75W
75W
OPA3695
0.1 F
m
0.1mF
RED
GREEN
BLUE
0.1mF
75W
75W
75W
75W
75W
75W
ADC/
DECODER
TVP7002
RED
GREEN
BLUE
R
G
B
OPA3695
www.ti.com ............................................................................................................................................... SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008
Triple, Ultra-Wideband, Current-Feedback
OPERATIONAL AMPLIFIER with Disable
2
• 900MHz BANDWIDTH, GAIN = +2V/V
The OPA3695 is a triple, very high bandwidth,
current-feedback
op
amp
that
combines
an
• 450MHz BANDWIDTH, GAIN = +8V/V
exceptional 4300V/
µs slew rate and a very high
• WIDE OUTPUT VOLTAGE SWING: ±4V
900MHz bandwidth (G = +2V/V) to provide an
• ULTRA-HIGH SLEW RATE: 4300V/µs
amplifier that is ideal for the most demanding video
• 3RD-ORDER INTERCEPT: > 35dBm (f < 40MHz)
applications. The device versatility is enhanced with a
low 1.8nV/
√Hz input voltage noise and an output
• LOW 1.8nV/√Hz VOLTAGE NOISE
stage that can swing within 1V from the supply rail to
• ±120mA OUTPUT CURRENT DRIVE
deliver a high dynamic range signal, making it
• 12.9mA/Ch SUPPLY CURRENT (±5V)
well-suited
for
analog-to-digital
converter
(ADC)
front-ends or digital-to-analog converter (DAC) output
• LOW 0.1mA/Ch DISABLE CURRENT
buffering. Optimized for high gain operation, the
• 3.5V to 12V SINGLE-SUPPLY OPERATION
OPA3695 is also well-suited for buffering surface
• ±1.75V to ±6V SPLIT-SUPPLY OPERATION
acoustic wave (SAW) filters in an intermediate
frequency (IF) system.
The low 12.9mA/channel supply current is precisely
• BROADBAND VIDEO LINE DRIVERS
trimmed at +25°C. This trim, along with a low
• VERY WIDEBAND ADC DRIVERS
temperature drift, gives low system power over
temperature. System power may be further reduced
• HIGH BANDWIDTH INSTRUMENTATION
using the Disable control pin. Leaving this pin open,
AMPLIFIERS
or holding it high, gives normal operation. If pulled
• HIGH-SPEED IMAGING
low,
the
OPA3695
supply
current
drops
to
• ACTIVE FILTERS
100
µA/channel. This power-saving feature, along with
• ARB WAVEFORM OUTPUT DRIVERS
exceptional
single
+5V
operation,
makes
the
OPA3695 a good fit for low-power applications that
require very high performance. The OPA3695 is
available in an SSOP-16 package.
OPA3695 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
OPA695
OPA2695
OPA3695
OPA691
OPA2691
OPA3691
OPA692
THS3202
OPA3692
OPA693
—
OPA3693
OPA694
OPA2694
—
Figure 1. Typical RGB Input/Output Buffer
Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA694

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA694 TI1-OPA694 Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI2-OPA694 Datasheet
555Kb / 27P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
REVISED APRIL 2013
More results

Similar Description - OPA694

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA695 TI-OPA695 Datasheet
570Kb / 32P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com