Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA694
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 3Page - Texas Instruments OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments OPA694 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
Frequency(Hz)
1M
2G
10M
100M
1G
V = 5V
±
V
=0.5V
R
=100W
S
O
PP
LOAD
G=+1,R =511W
F
G=+16,R =249W
F
G=+8,R =402W
F
G=+2,R =511W
F
G=+4,R =511W
F
2
1
0
-1
-2
-3
-4
-5
-6
Frequency(Hz)
1M
1G
100M
V = 5V
±
G=+2V/V
R =511
R
=100
W
W
S
F
LOAD
V
=7V
O
PP
V
=4V
O
PP
V
=2V
O
PP
V
=1V
O
PP
1
0
-1
-2
-3
-4
Frequency(Hz)
1M
1G
100M
V =±5V
G=+8V/V
R =402
R
=100
W
W
S
F
LOAD
V
=1V
O
PP
V
=2V
O
PP
V
=4V
O
PP
V
=7V
O
PP
600
400
200
0
-200
-400
-600
Time(ns)
0
11
1
2
3
4
5
6
7
8
9
10
V =±5V
G=+8V/V
R =402
R
=100
W
W
S
F
LOAD
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
Time(ns)
0
11
1
2
3
4
5
6
7
8
9
10
V =±5V
G=+8V/V
R =402
R
=100
W
W
S
F
LOAD
-60
-65
-70
-75
-80
-85
-90
-95
LoadResistance( )
W
1
1k
100
3rdHarmonic
2ndHarmonic
V = 5V
±
G=+8V/V
R =402
V
=2V
W
S
F
OUT
PP
OPA3695
www.ti.com ............................................................................................................................................... SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008
At RF = 402Ω, RL = 100Ω, and G = +8, unless otherwise noted.
NONINVERTING SMALL-SIGNAL FREQUENCY RESPONSE
GAIN OF +2, LARGE-SIGNAL FREQUENCY RESPONSE
Figure 2.
Figure 3.
GAIN OF +8, LARGE-SIGNAL FREQUENCY RESPONSE
NONINVERTING SMALL-SIGNAL PULSE RESPONSE
Figure 4.
Figure 5.
NONINVERTING LARGE-SIGNAL PULSE RESPONSE
10MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 6.
Figure 7.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA3695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com