Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA694
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments OPA694 Datasheet HTML 11Page - Texas Instruments OPA694 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
-40
-50
-60
-70
-80
-90
-100
Frequency(Hz)
100k
100M
1M
10M
2ndHarmonic
3rdHarmonic
V =±5V
G=+8V/V
R =402
R
=100
V
=2V
W
W
S
F
LOAD
OUT
PP
-60
-65
-70
-75
-80
-85
-90
SupplyVoltage(±V )
S
2.5
6.0
3.0
3.5
4.0
4.5
5.0
5.5
G=+8V/V
R =402
R
=100
V
=2V
W
W
F
LOAD
OUT
PP
3rdHarmonic
2ndHarmonic
-60
-65
-70
-75
-80
-85
-90
Noninverting(V/V)
1
15
3
5
7
9
11
13
V = 5V
±
R
=100
V
=2V
W
S
LOAD
OUT
PP
3rdHarmonic
2ndHarmonic
-60
-65
-70
-75
-80
-85
-90
-95
-100
OutputVoltage(V
)
PP
0.1
10
1
3rdHarmonic
2ndHarmonic
V = 5V
±
G=+8V/V
R =402
R
=100
W
W
S
F
LOAD
-60
-65
-70
-75
-80
-85
LoadResistance( )
W
10
1k
100
3rdHarmonic
2ndHarmonic
V =±5V
G=+2V/V
R =511
V
=2V
W
S
F
OUT
PP
-60
-65
-70
-75
-80
-85
-90
SupplyVoltage(±V )
S
2.5
6.0
3.0
3.5
4.0
4.5
5.0
5.5
G=+2V/V
R =511
R
=100
V
=2V
W
W
F
LOAD
OUT
PP
3rdHarmonic
2ndHarmonic
OPA3695
SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008 ............................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At RF = 402Ω, RL = 100Ω, and G = +8, unless otherwise noted.
10MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
HARMONIC DISTORTION vs FREQUENCY
Figure 8.
Figure 9.
10MHz HARMONIC DISTORTION vs OUTPUT VOLTAGE
10MHz HARMONIC DISTORTION vs NONINVERTING GAIN
Figure 10.
Figure 11.
10MHz HARMONIC DISTORTION vs LOAD RESISTANCE
10MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com