Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA694
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments OPA694 Datasheet HTML 11Page - Texas Instruments OPA694 Datasheet HTML 12Page - Texas Instruments OPA694 Datasheet HTML 13Page - Texas Instruments OPA694 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
-20
-30
-40
-50
-60
-70
-80
Frequency(Hz)
1M
1G
10M
100M
ChannelB
ChannelA
V =±5V
G=+8V/V
R =402
R
=100
All-HostileCrosstalk
W
W
S
OUT
PP
F
LOAD
V
=2V
ChannelC
0.02
0.01
0
-0.01
-0.02
-0.03
-0.05
NumberofParallelVideoLoads
1
4
2
3
V = 5V
G=+2V/V
±
R =511W
S
F
-dP
+dP
-0.04
-dG
+dG
7
6
5
4
3
2
-1
Time( s)
m
0
10
1
2
3
4
5
6
7
8
9
V =±5V
G=+8V/V
R =402
R
=100
W
W
S
IN
DC
F
LOAD
V
=0.25V
1
0
DisablePinVoltage
OutputVoltage
21
18
15
12
9
Frequency(Hz)
10M
1G
100M
C =22pF,R =30.3W
L
S
C =10pF
R =43.4W
L
S
V =±5V
G=+8V/V
R =402
V
=0.5V
W
W
S
F
LOAD
OUT
PP
R
=1k
C =47pF,R =20.8W
L
S
C =100pF,R =14.9W
L
S
OPA3695
SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008 ............................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At RF = 402Ω, RL = 100Ω, and G = +8, unless otherwise noted.
DIFFERENTIAL GAIN AND PHASE vs
CROSSTALK vs FREQUENCY
NUMBER OF PARALLEL VIDEO LOADS
Figure 20.
Figure 21.
DISABLE/ENABLE RESPONSE
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 22.
Figure 23.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com