Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 129 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 129 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 125Page - Texas Instruments TAS3103ADBT Datasheet HTML 126Page - Texas Instruments TAS3103ADBT Datasheet HTML 127Page - Texas Instruments TAS3103ADBT Datasheet HTML 128Page - Texas Instruments TAS3103ADBT Datasheet HTML 129Page - Texas Instruments TAS3103ADBT Datasheet HTML 130Page - Texas Instruments TAS3103ADBT Datasheet HTML 131Page - Texas Instruments TAS3103ADBT Datasheet HTML 132Page - Texas Instruments TAS3103ADBT Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 154 page
background image
4−8
4.4.6
Characteristics of the SDA and SCL I/O Stages for F/S-Mode I2C-Bus Devices, (1)
PARAMETER
STANDARD MODE
FAST MODE
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
fSCL
SCL clock frequency
0
100
0
400
kHz
tHD-STA
Hold time (repeated) START condition. After this period, the
first clock pulse is generated.
4
0.6
μs
tLOW
LOW period of the SCL clock
4.7
1.3
μs
tHIGH
HIGH period of the SCL clock
4
0.6
μs
tSU-STA
Setup time for repeated START
4.7
0.6
μs
tSU-DAT
Data setup time
250
100
μs
tHD-DAT
Data hold time (2)(3)
0
3.45
0
0.9
μs
tr
Rise time of both SDA and SCL signals
1000
20 + 0.1 Cb (4)
300
ns
tf
Fall time of both SDA and SCL signals
300
20 + 0.1 Cb (4)
300
ns
tSU-STO
Setup time for STOP condition
4
0.6
μs
tBUF
Bus free time between a STOP and START condition
4.7
1.3
μs
CB
Capacitive load for each bus line
400
400
pF
VnL
Noise margin at the LOW level for each connected device
(including hysteresis)
0.1 VDD
0.1 VDD
V
VnH
Noise margin at the HIGH level for each connected device
(including hysteresis)
0.2 VDD
0.2 VDD
V
NOTES:
1. All values referred to VIHmin and VILmax levels (see Section 4.4.5).
NOTES:
2. Note that SDA does not have the standard I2C specification 300-ns internal hold time. SDA must be valid by the rising and falling
edges of SCL. TI recommends that a minimum 2-k
Ω pullup resistor be used to avoid potential timing issues.
NOTES:
3. A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement tSU-DAT ≥ 250 ns must then be
met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch
the LOW period of the SCL signal, it must output the next data bit to the SDA line tr max + tSU-DAT = 1000 + 250 = 1250 ns (according
to the standard-mode I2C-bus specification) before the SCL line is released.
NOTES:
4. Cb = total capacitance of one bus line in pF.
SDA
SCL
tf
tSU-DAT
tHD-STA
tr
tBUF
tSU-STO
P
S
tSP
tSU-STA
Sr
tHIGH
tHD-DAT
tLOW
tr
tHD-STA
S
tf
Figure 4−5. I2C Start and Stop Conditions Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com