Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 126 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 126 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 122Page - Texas Instruments TAS3103ADBT Datasheet HTML 123Page - Texas Instruments TAS3103ADBT Datasheet HTML 124Page - Texas Instruments TAS3103ADBT Datasheet HTML 125Page - Texas Instruments TAS3103ADBT Datasheet HTML 126Page - Texas Instruments TAS3103ADBT Datasheet HTML 127Page - Texas Instruments TAS3103ADBT Datasheet HTML 128Page - Texas Instruments TAS3103ADBT Datasheet HTML 129Page - Texas Instruments TAS3103ADBT Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 154 page
background image
4−5
4.4.3
Serial Audio Port Slave-Mode Signals Over Recommended Operating Conditions (unless
otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
fLRCLK
Frequency, LRCLK (Fs)
8
96
kHz
tw(SCLKIN)
Pulse duration, SCLKIN high
See Note 2
0.25 HSCLKIN
HSCLKIN
0.75 HSCLKIN
ns
fSCLKIN
Frequency, SCLKIN
See Note 1
32 Fs
25
MHz
tcyc
Cycle time, SCLKIN
See Note 1
40
1/32 Fs
ns
tpd1
Propagation delay, SCLKIN falling edge to
SDOUT
15.1
ns
tsu1
Setup time, LRCLK to SCLKIN rising edge
6.6
ns
th1
Hold time, LRCLK from SCLKIN rising edge
0
ns
tsu2
Setup time, SDIN to SCLKIN rising edge
1.15
ns
th2
Hold time, SDIN from SCLKIN rising edge
2.3
ns
t
Propagation delay,
SCLKIN falling edge
SCLKOUT2 = SCLKIN
12.4
ns
tpd2
SCLKIN falling edge
to SCLKOUT2 falling
edge
SCLKOUT2 < SCLKIN
12.5
ns
NOTES:
1. Typical duty cycle is 50/50.
2. HSCLKIN = 1/2fSCLKIN
SCLKIN
LRCLK
(Input)
SDOUT1
SDOUT2
SDOUT3
SDIN1
SDIN2
SDIN3
SCLKOUT2
th1
tsu1
tpd1
tpd2
tsu2
th2
tcyc
tw(SCLKIN)
SDIN4
Figure 4−3. Serial Audio Port Slave-Mode Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com