Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 124 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 124 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 120Page - Texas Instruments TAS3103ADBT Datasheet HTML 121Page - Texas Instruments TAS3103ADBT Datasheet HTML 122Page - Texas Instruments TAS3103ADBT Datasheet HTML 123Page - Texas Instruments TAS3103ADBT Datasheet HTML 124Page - Texas Instruments TAS3103ADBT Datasheet HTML 125Page - Texas Instruments TAS3103ADBT Datasheet HTML 126Page - Texas Instruments TAS3103ADBT Datasheet HTML 127Page - Texas Instruments TAS3103ADBT Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 154 page
background image
4−3
4.4
TAS3103A Timing Characteristics
4.4.1
Master Clock Signals Over Recommended Operating Conditions (Unless Otherwise
Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
f(XTALI)
Frequency, XTALI (1/tc(1))
2.8
20
MHz
f(MCLKI)
Frequency, MCLKI (1/tc(2))
2.8
25
MHz
tw(MCLKI)
Pulse duration, MCLKI high, see Note 1
HMCLKI − 25
HMCLKI
HMCLKI + 25
ns
MCLKI jitter
±5
ns
f(MCLKO)
Frequency, MCLKO (1/tc(3))
2.8
25
MHz
tr(MCLKO)
Rise time, MCLKO
CL = 30 pF
9.5
ns
tf(MCLKO)
Fall time, MCLKO
CL = 30 pF
9.5
ns
tw(MCLKO)
Pulse duration, MCLKO high, see Note 4
HMCLKO
ns
MCLKI jitter
XTALI master clock source
80
ps
MCLKI jitter
MTALI master clock source, see Note 5
t
Delay time, MCLKI
rising edge to
MCKLO = MCLKI
See Note 2
17
ns
td(MI−MO)
rising edge to
MCLKO rising edge
MCLKO < MCLKI
See Note 2 and Note 3
17
ns
NOTES:
1. HMCLKI = 1 / 2MCLKI
2. Only applies when MCLKI is selected as master source clock.
3. Also applies to MCLKO falling edge when MCLKO = MCLKI/2 or MCLKI/4
4. HMCLKO = 1 / 2MCLKO. MCLKO has the same duty cycle as MCLKI when MCLKO = MCLKI. When MCLKO = 0.5 MCLKI or 0.25
MCLKI, the duty cycle of MCLKO is typically 50%.
5. When MCLKO is derived from MCLKI, MCLKO jitter = MCLKI jitter
XTALI
MCLKO
MCLKI
tw(MCLKI)
tf(MCLKO)
tc(1)
tc(2)
tc(3)
tw(MCLKO)
tr(MCLKO)
td(MI-MO)
Figure 4−1. Master Clock Signals Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com