Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 123 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 123 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 119Page - Texas Instruments TAS3103ADBT Datasheet HTML 120Page - Texas Instruments TAS3103ADBT Datasheet HTML 121Page - Texas Instruments TAS3103ADBT Datasheet HTML 122Page - Texas Instruments TAS3103ADBT Datasheet HTML 123Page - Texas Instruments TAS3103ADBT Datasheet HTML 124Page - Texas Instruments TAS3103ADBT Datasheet HTML 125Page - Texas Instruments TAS3103ADBT Datasheet HTML 126Page - Texas Instruments TAS3103ADBT Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 154 page
background image
4−2
4.3
Electrical Characteristics Over Recommended Operating Conditions (Unless
Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V
High-level output
3.3-V LVCMOS
IOH = −4 mA
0.8 VDDS
V
VOH
High level output
voltage
1.8-V LVCMOS (XTALO)
IOH = −0.55 mA
0.8 AVDD
V
VOL
Low-level output voltage
3.3-V LVCMOS
IOL = 4 mA
0.22
VDDS
V
VOL
Low level output voltage
1.8-V LVCMOS (XTALO)
IOL = 0.75 mA
0.22 AVDD
V
IOZ
High-impedance output
current
3.3-V LVCMOS
±20
μA
I
Low-level input
3.3-V LVCMOS
VI = VIL
±20
A
IIL
Low level input
current(1)
1.8-V LVCMOS (XTALI)
VI = VIL
±20
μA
I
High-level input
3.3-V LVCMOS
VI = VIH
±20
A
IIH
High level input
current(2)
1.8-V LVCMOS (XTALI)
VI = VIH
±20
μA
DSP clock = 135 MHz,
LRCLK = 96 kHz,
MCLKI/XTALI = 12.228 MHz
75
DSP clock = 67.5 MHz,
LRCLK = 48 kHz,
MCLKI/XTALI = 12.228 MHz
44
I
Digital supply current
DSP clock = 33.75 MHz,
LRCLK = 24 kHz,
MCLKI/XTALI = 12.228 MHz
25
mA
IDVDD
Digital supply current
LRCLK = 48 kHz,
MCLKI/XTALI = 12.288 MHz,
Power down enabled
3.5
mA
No LRCLK, SCLK.
MCLKI/XTALI = 12.288 MHz,
Power down enabled
2.2
No LRCLK, SCLK, or
MCLKI/XTALI,
Power down enabled
2
DSP clock = 135 MHz,
LRCLK = 96 kHz,
MCLKI/XTALI = 12.228 MHz
2.9
DSP clock = 67.5 MHz,
LRCLK = 48 kHz,
MCLKI/XTALI = 12.228 MHz
2.7
IA_DVDD
Analog supply current
DSP clock = 33.75 MHz,
LRCLK = 24 kHz,
MCLKI/XTALI = 12.228 MHz
2.4
mA
LRCLK = 48 kHz,
MCLKI/XTALI = 12.288 MHz,
Power down enabled
1.5
No LRCLK, SCLK, or
MCLKI/XTALI,
Power down enabled
1.5
NOTES:
1. Value given is for those input pins that connect to an internal pullup resistor as well as an input buffer. For inputs that have a pulldown
resistor or no resistor, IIL is ±1 μA.
2. Value given is for those input pins that connect to an internal pulldown resistor as well as an input buffer. For inputs that have a pullup
resistor or no resistor, IIH is ±1 μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com