Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS22921
Description  TPS2292x 3.6-V, 2-A, 14-mΩ ON-Resistance Load Switch With Controlled Turnon
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22921 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22921 Datasheet HTML 1Page - Texas Instruments TPS22921 Datasheet HTML 2Page - Texas Instruments TPS22921 Datasheet HTML 3Page - Texas Instruments TPS22921 Datasheet HTML 4Page - Texas Instruments TPS22921 Datasheet HTML 5Page - Texas Instruments TPS22921 Datasheet HTML 6Page - Texas Instruments TPS22921 Datasheet HTML 7Page - Texas Instruments TPS22921 Datasheet HTML 8Page - Texas Instruments TPS22921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPS22921, TPS22922, TPS22922B
SLVS749C – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
Table of Contents
8.14
Typical Characteristics .......................................... 10
1
Features .................................................................. 1
9
Parameter Measurement Information ................ 19
2
Applications ........................................................... 1
10
Detailed Description ........................................... 20
3
Description ............................................................. 1
10.1
Overview ............................................................... 20
4
Typical Application ................................................ 1
10.2
Functional Block Diagram ..................................... 20
5
Revision History..................................................... 2
10.3
Feature Description............................................... 20
6
Device Comparison Table..................................... 3
10.4
Device Functional Modes...................................... 20
7
Pin Configuration and Functions ......................... 3
11
Application and Implementation........................ 21
8
Specifications......................................................... 4
11.1
Application Information.......................................... 21
8.1
Absolute Maximum Ratings ..................................... 4
11.2
Typical Application ............................................... 21
8.2
ESD Ratings.............................................................. 4
12
Power Supply Recommendations ..................... 24
8.3
Recommended Operating Conditions ....................... 4
13
Layout................................................................... 24
8.4
Thermal Information .................................................. 4
13.1
Layout Guidelines ................................................. 24
8.5
Electrical Characteristics........................................... 5
13.2
Layout Example .................................................... 24
8.6
Switching Characteristics: VIN = 0.9 V ...................... 6
14
Device and Documentation Support ................. 25
8.7
Switching Characteristics: VIN = 1 V ......................... 6
14.1
Related Links ........................................................ 25
8.8
Switching Characteristics: VIN = 1.1 V ...................... 7
14.2
Trademarks ........................................................... 25
8.9
Switching Characteristics: VIN = 1.2 V ...................... 7
14.3
Electrostatic Discharge Caution ............................ 25
8.10
Switching Characteristics: VIN = 1.8 V .................... 8
14.4
Glossary ................................................................ 25
8.11
Switching Characteristics: VIN = 2.5 V .................... 8
15
Mechanical, Packaging, and Orderable
8.12
Switching Characteristics: VIN = 3 V ....................... 9
Information ........................................................... 25
8.13
Switching Characteristics: VIN = 3.6 V .................... 9
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2012) to Revision C
Page
•
Added Pin Configuration and Functions section, ESD Rating table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision A (December 2008) to Revision B
Page
•
Changed Feature From: Ultra-Low Quiescent Current: 78 nA at 1.8 V To: Ultra-Low Quiescent Current: Typical 78
nA at 1.8 V.............................................................................................................................................................................. 1
•
Changed Feature From: Typical 78 nA at 1.8 V To: Ultra-Low Shutdown Current: Typical 35 nA at 1.8 V .......................... 1
•
Changed Feature From: Six Terminal Wafer-Chip-Scale Package To: Six Terminal Wafer-Chip-Scale Package
(nominal dimensions shown - see addendum for details ....................................................................................................... 1
•
Changed Feature From: 0.5-mm Height To: 0.5-mm Height (YFP) ....................................................................................... 1
•
Changed TPS22921 QUICK OUTPUT DISCHARGE From: - To: No.................................................................................... 3
•
Changed the format of the ELECTRICAL CHARACTERISTICS Test Conditions From: VIN = 1-V to VIN = 1 V.................... 5
•
Deleted Note 1 - RL_CHIP = 120
Ω from all SWITCHING CHARACTERISTICS tables....................................................... 6
•
Changed Figure 50 title From: tOFF Response To: tON Response ........................................................................................ 17
Changes from Original (November 2008) to Revision A
Page
•
Added Note A to the TYPICAL APPLICATION circuit............................................................................................................ 1
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com