Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS22921
Description  TPS2292x 3.6-V, 2-A, 14-mΩ ON-Resistance Load Switch With Controlled Turnon
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22921 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 5Page - Texas Instruments TPS22921 Datasheet HTML 6Page - Texas Instruments TPS22921 Datasheet HTML 7Page - Texas Instruments TPS22921 Datasheet HTML 8Page - Texas Instruments TPS22921 Datasheet HTML 9Page - Texas Instruments TPS22921 Datasheet HTML 10Page - Texas Instruments TPS22921 Datasheet HTML 11Page - Texas Instruments TPS22921 Datasheet HTML 12Page - Texas Instruments TPS22921 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TPS22921, TPS22922, TPS22922B
www.ti.com
SLVS749C – NOVEMBER 2008 – REVISED JANUARY 2015
8.12 Switching Characteristics: VIN = 3 V
VIN = 3 V, TA = 25°C (unless otherwise noted)
TPS22921
TPS22922
TPS22922B
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
CL = 0.1 μF
30
30
182
tON
Turn-ON time
RL = 500 Ω
CL = 1 μF
38
38
201
μs
CL = 3 μF
45
45
221
CL = 0.1 μF
40
10
10
tOFF
Turn-OFF time
RL = 500 Ω
CL = 1 μF
353
51
51
μs
CL = 3 μF
1036
139
139
CL = 0.1 μF
20
20
149
tr
VOUT rise time
RL = 500 Ω
CL = 1 μF
25
25
150
μs
CL = 3 μF
33
33
161
CL = 0.1 μF
104
15
15
tf
VOUT fall time
RL = 500 Ω
CL = 1 μF
1030
143
143
μs
CL = 3 μF
3230
419
419
8.13 Switching Characteristics: VIN = 3.6 V
VIN = 3.6 V, TA = 25°C (unless otherwise noted)
TPS22921
TPS22922
TPS22922B
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
CL = 0.1 μF
30
30
159
tON
Turn-ON time
RL = 500 Ω
CL = 1 μF
38
38
175
μs
CL = 3 μF
45
45
193
CL = 0.1 μF
42
10
10
tOFF
Turn-OFF time
RL = 500 Ω
CL = 1 μF
310
51
51
μs
CL = 3 μF
988
139
139
CL = 0.1 μF
20
20
137
tr
VOUT rise time
RL = 500 Ω
CL = 1 μF
25
25
138
μs
CL = 3 μF
33
33
148
CL = 0.1 μF
120
15
15
tf
VOUT fall time
RL = 500 Ω
CL = 1 μF
1100
143
143
μs
CL = 3 μF
3600
419
419
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com