Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS22921
Description  TPS2292x 3.6-V, 2-A, 14-mΩ ON-Resistance Load Switch With Controlled Turnon
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22921 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 2Page - Texas Instruments TPS22921 Datasheet HTML 3Page - Texas Instruments TPS22921 Datasheet HTML 4Page - Texas Instruments TPS22921 Datasheet HTML 5Page - Texas Instruments TPS22921 Datasheet HTML 6Page - Texas Instruments TPS22921 Datasheet HTML 7Page - Texas Instruments TPS22921 Datasheet HTML 8Page - Texas Instruments TPS22921 Datasheet HTML 9Page - Texas Instruments TPS22921 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TPS22921, TPS22922, TPS22922B
SLVS749C – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
8.6 Switching Characteristics: VIN = 0.9 V
VIN = 0.9 V, TA = 25°C (unless otherwise noted)
TPS22921
TPS22922
TPS22922B
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CL = 0.1 μF
121
121
638
tON
Turn-ON time
RL = 500 Ω
CL = 1 μF
160
160
712
μs
CL = 3 μF
188
188
799
CL = 0.1 μF
46
40
40
tOFF
Turn-OFF time
RL = 500 Ω
CL = 1 μF
308
279
279
μs
CL = 3 μF
975
807
807
CL = 0.1 μF
60
60
462
tr
VOUT rise time
RL = 500 Ω
CL = 1 μF
85
85
465
μs
CL = 3 μF
107
107
507
CL = 0.1 μF
119
51
51
tf
VOUT fall time
RL = 500 Ω
CL = 1 μF
969
434
434
μs
CL = 3 μF
3174
1264
1264
8.7 Switching Characteristics: VIN = 1 V
VIN = 1 V, TA = 25°C (unless otherwise noted)
TPS22921
TPS22922
TPS22922B
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CL = 0.1 μF
105
105
549
tON
Turn-ON time
RL = 500 Ω
CL = 1 μF
136
136
613
μs
CL = 3 μF
157
157
683
CL = 0.1 μF
46
28
28
tOFF
Turn-OFF time
RL = 500 Ω
CL = 1 μF
309
186
186
μs
CL = 3 μF
983
511
511
CL = 0.1 μF
51
51
386
tr
VOUT rise time
RL = 500 Ω
CL = 1 μF
78
78
388
μs
CL = 3 μF
88
88
419
CL = 0.1 μF
121
34
34
tf
VOUT fall time
RL = 500 Ω
CL = 1 μF
986
306
306
μs
CL = 3 μF
3300
908
908
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com