Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS22921
Description  TPS2292x 3.6-V, 2-A, 14-mΩ ON-Resistance Load Switch With Controlled Turnon
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22921 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 17Page - Texas Instruments TPS22921 Datasheet HTML 18Page - Texas Instruments TPS22921 Datasheet HTML 19Page - Texas Instruments TPS22921 Datasheet HTML 20Page - Texas Instruments TPS22921 Datasheet HTML 21Page - Texas Instruments TPS22921 Datasheet HTML 22Page - Texas Instruments TPS22921 Datasheet HTML 23Page - Texas Instruments TPS22921 Datasheet HTML 24Page - Texas Instruments TPS22921 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ON
OFF
C
= 1
F
IN
µ
GND
V
IN
V
BATT
C
L
GND
R
L
C
L
V
OUT
SMPS
(see Note A)
GND
TPS22921/22/22B
LOAD
TPS22921, TPS22922, TPS22922B
www.ti.com
SLVS749C – NOVEMBER 2008 – REVISED JANUARY 2015
11 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
11.1 Application Information
11.1.1 Input Capacitor (Optional)
To limit the voltage drop on the input supply caused by transient inrush currents when the switch turns on into a
discharged load capacitor, a capacitor must be placed between VIN and GND. A 1-μF ceramic capacitor, CIN,
placed close to the pins is usually sufficient. Higher values of CIN can be used to further reduce the voltage drop
during higher current application. When switching a heavy load, TI recommends using an input capacitor about
10 or more times higher than the output capacitor in order to avoid any supply drop.
11.1.2 Output Capacitor (Optional)
Because of the integral body diode in the PMOS switch, a CIN greater than CL is highly recommended. A CL
greater than CIN can cause VOUT to exceed VIN when the system supply is removed. This could result in current
flow through the body diode from VOUT to VIN.
11.2 Typical Application
A.
Switched-mode power supply
Figure 53. Typical Application
11.2.1 Design Requirements
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VIN
1.8 V
CL
4.7 µF
Load current
2 A
Ambient Temperature
25 °C
Maximum inrush current
200 mA
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com