Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS22921
Description  TPS2292x 3.6-V, 2-A, 14-mΩ ON-Resistance Load Switch With Controlled Turnon
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22921 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 6Page - Texas Instruments TPS22921 Datasheet HTML 7Page - Texas Instruments TPS22921 Datasheet HTML 8Page - Texas Instruments TPS22921 Datasheet HTML 9Page - Texas Instruments TPS22921 Datasheet HTML 10Page - Texas Instruments TPS22921 Datasheet HTML 11Page - Texas Instruments TPS22921 Datasheet HTML 12Page - Texas Instruments TPS22921 Datasheet HTML 13Page - Texas Instruments TPS22921 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Temperature (°C)
0
50
100
150
200
250
300
–40
25
85
0
25
50
75
100
125
150
175
200
225
250
275
–40
25
85
Temperature (°C)
Input Voltage, V
(V)
IN
0
25
50
75
100.
125
150
175
200
225
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
400
450
500
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
LoadCurrent(A)
V
= 1.0 V
drop
V
= 1.2 V
drop
V
= 1.8 V
drop
V
= 2.5 V
drop
V
= 3.3 V
drop
-40.00
25.00
85.00
Temperature(C)
0.018
0.019
0.02
0.021
0.022
0.023
0.024
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
Input Voltage, V
(V)
IN
0.7
1.2
1.7
2.2
2.7
3.2
3.7
TPS22921, TPS22922, TPS22922B
SLVS749C – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
8.14 Typical Characteristics
8.14.1 Typical DC Characteristics
Figure 1. rON vs VIN
Figure 2. rON vs Temperature (VIN = 3.3 V)
Figure 3. Voltage Drop vs Load Current
Figure 4. Quiescent Current vs VIN (VON = VIN)
Figure 5. Quiescent Current vs Temperature
Figure 6. IIN Leakage Current vs Temperature (VIN = 3.3 V)
(VIN = 3.3 V, IOUT = 0 mA)
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com