Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22921
Description  TPS2292x 3.6-V, 2-A, 14-mΩ ON-Resistance Load Switch With Controlled Turnon
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22921 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22921 Datasheet HTML 1Page - Texas Instruments TPS22921 Datasheet HTML 2Page - Texas Instruments TPS22921 Datasheet HTML 3Page - Texas Instruments TPS22921 Datasheet HTML 4Page - Texas Instruments TPS22921 Datasheet HTML 5Page - Texas Instruments TPS22921 Datasheet HTML 6Page - Texas Instruments TPS22921 Datasheet HTML 7Page - Texas Instruments TPS22921 Datasheet HTML 8Page - Texas Instruments TPS22921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ON
OFF
C
= 1
F
IN
µ
GND
V
IN
V
BATT
C
L
GND
R
L
C
L
V
OUT
SMPS
(see Note A)
GND
TPS22921/22/22B
LOAD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS22921, TPS22922, TPS22922B
SLVS749C – NOVEMBER 2008 – REVISED JANUARY 2015
TPS2292x 3.6-V, 2-A, 14-m
Ω ON-Resistance Load Switch With Controlled Turnon
1 Features
2 Applications
1
•
Integrated P-Channel Load Switch
•
PDAs
•
Input Voltage: 0.9 V to 3.6 V
•
Cell Phones
•
ON-Resistance (Typical Values)
•
GPS Devices
•
MP3 Players
–
rON = 14 mΩ at VIN = 3.6 V
•
Peripheral Ports
–
rON = 20 mΩ at VIN = 2.5 V
•
Portable Media Players
–
rON = 33 mΩ at VIN = 1.8 V
•
RF Modules
–
rON = 67 mΩ at VIN = 1.2 V
–
rON = 116 mΩ at VIN = 1.0 V
3 Description
•
2-A Maximum Continuous Switch Current
TPS22921, TPS22922, and TPS22922B are small,
•
Quiescent Current:
low rON load switches with controlled turnon. The
–
Typical 78 nA at 1.8 V
TPS22921/2/2B contains a P-channel MOSFET that
can operate over an input voltage range of 0.9 V to
•
Shutdown Current:
3.6 V. The switch is controlled by an on/off input
–
Typical 35 nA at 1.8 V
(ON), which can interface directly with low-voltage
•
Low Threshold Control Input Enable the use of
control signals. In TPS22922 and in TPS22922B, a
1.2 V, 1.8 V, 2.5 V, or 3.3 V Logic
65-
Ω on-chip load resistor is added for output quick
discharge when the switch is turned off. The rise time
•
Controlled Slew Rate to Avoid Inrush Currents
(slew rate) of the device is internally controlled in
–
tR = 30 μs at VIN = 1.8 V (TPS22921/2)
order
to
avoid
inrush
current:
TPS22921
and
–
tR = 200 μs at VIN = 1.8 V (TPS22922B)
TPS22922 feature a 30-
μs rise time, whereas
TPS22922B is 200
μs.
•
Quick Output Discharge (TPS22922/2B)
•
ESD Performance Tested Per JESD 22
TPS22921, TPS22922, and TPS22922B feature low
quiescent and shutdown currents and are available in
–
3000-V Human Body Model
space-saving
6-pin
wafer-chip-scale
packages
(A114-B, Class II)
DSBGA (WCSP: YZP and YZT with 0.5-mm pitch and
–
1000-V Charged-Device Model (C101)
YFP with 0.4-mm pitch) which make them ideal for
•
Six Terminal Wafer-Chip-Scale DSBGA Package
portable electronics. The devices are characterized
(nominal dimensions shown - see Mechanical,
for operation over the free-air temperature range of
–40°C to 85°C.
Packaging, and Orderable Information for details)
–
0.9-mm × 1.4-mm, 0.5-mm Pitch,
Device Information(1)
0.5 mm Height (YZP)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
0.9-mm × 1.4-mm, 0.5-mm Pitch,
YZT
0.625 mm Height (YZT)
0.9 mm × 1.4 mm
TPS22921(1)
YZP
–
0.8-mm × 1.2-mm, 0.4-mm Pitch,
YFP
0.8 mm × 1.2 mm
0.5-mm Height (YFP)
YZP
0.9 mm × 1.4 mm
TPS22922
TPS22922B
YFP
0.8 mm × 1.2 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Typical Application
A.
Switched-mode power supply
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TPS22921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
925Kb / 27P
LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
925Kb / 27P
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921YFPR TI-TPS22921YFPR Datasheet
938Kb / 27P
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921YFPR TI-TPS22921YFPR Datasheet
925Kb / 27P
LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
More results

Similar Description - TPS22921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com