Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 16 Page - Texas Instruments

Part # DLPA2000
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPA2000 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments DLPA2000 Datasheet HTML 16Page - Texas Instruments DLPA2000 Datasheet HTML 17Page - Texas Instruments DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
PROJ_ON
VBIAS
VOFS
VRST
VCORE
VLED
STATE
STANDBY
ACTIVE2
V2V5
LS_OUT (1.8 V)
INTZ
RESETZ
OFF
OFF
10 ms
25 ms
ACTIVE1
5 ms (min)
DMD_EN
in register 0x01h
” 10 ms
Startup DPP
System Power
(VINx)
10 ms
DMD
initialization
by DPP
•10 ms
Pad DMD_EN
by DPP through
SPI write
Stop Regulating
VBIAS
Stop Regulating
VRST
145 ms
16
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 DMD Regulators
DLPA2000 contains three switch-mode power supplies that power the DMD. These rails are VOFS, VBIAS, and
VRST. After pulling the PROJ_ON pin high, the DMD is first initialized followed by a power-up of the VOFS line
after a small delay of less than 10 ms followed by VBIAS and VRST with an additional delay of 145 ms. The LED
driver and STROBE DECODER circuit can only be enabled after all three rails are enabled. There are two
power-down sequences, the normal power-down timing initiated after pulling the PROJ_ON pin low, and a fast
power-down mode where if any one of the rails encounters a fault such as an output short, all three rails are
discharged simultaneously. The detailed power-up and power-down diagrams are shown in Figure 5 and
Figure 6.
Figure 5. Power Sequence Normal Shutdown Mode
NOTE
All values are typical (unless otherwise noted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com