Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 10 Page - Texas Instruments

Part # DLPA2000
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPA2000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
10
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted) (see
(1)(2))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
Power dissipation and thermal limits must be observed
ƒsample
Sampling rate
Not tested in production
19
kHz
LOGIC LEVELS AND TIMING CHARACTERISTICS
VOL
Output low-level
IO = 0.5-mA sink current
(RESETZ, CMP_OUT)
0
0.3
V
IO = 5-mA sink current
(SPI_DOUT, INTZ)
0
0.3 × VSPI
VOH
Output high-level
IO = 0.5-mA source current
(RESETZ, CMP_OUT)
1.3
2.5
V
IO = 5-mA source current
(SPI_DOUT)
0.7 × VSPI
VSPI
VIL
Input low-level
PROJ_ON, LED_SEL0, LED_SEL1
0
0.4
V
SPI_CSZ, SPI_CLK, SPI_DIN
0
0.3 × VSPI
VIH
Input high-level
PROJ_ON, LED_SEL0, LED_SEL1
1.2
V
SPI_CSZ, SPI_CLK, SPI_DIN
0.7 × VSPI
VSPI
IBIAS
Input bias current
VIO = 3.3 V, any input pin
0.5
µA
tDEGLITCH
Deglitch time
PROJ_ON,
(not tested in production)
1
ms
LED_SEL0, LED_SEL1 pins
(not tested in production)
300
ns
INTERNAL OSCILLATOR
ƒOSC
Oscillator frequency
9
MHz
Frequency accuracy
TA = –30 to 85°C
–10%
10%
THERMAL SHUTDOWN
TWARN
Thermal warning (HOT threshold)
120
°C
Hysteresis
10
TSHTDWN
Thermal shutdown (TSD
threshold)
150
°C
Hysteresis
15
MOTOR DRIVER
POWER SUPPLY
VINM
Operating motor supply voltage
2
6
V
IM
Operating motor current
500(4)
mA
H-BRIDGE FETS
RDS(ON)
HS + LS FET on resistance
VV2V5 = 2.5 V, VM = 3 V, IO = 200 mA,
TJ = 25°C
1.9
2.1
Ω
IOFF
Off-state leakage current
±200
nA
MOTOR DRIVER PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
per A-out or B-out pin
0.53
1.16
A
tTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com