Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 39 Page - Texas Instruments

Part # DLPA2000
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPA2000 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 35Page - Texas Instruments DLPA2000 Datasheet HTML 36Page - Texas Instruments DLPA2000 Datasheet HTML 37Page - Texas Instruments DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments DLPA2000 Datasheet HTML 41Page - Texas Instruments DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
39
DLPA2000
www.ti.com
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.5.19 User EEPROM, BYTE0
Figure 34. User EEPROM, BYTE0, Address = 20h, HEX = 00
7
6
5
4
3
2
1
0
BYTE0 [7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
Table 30. User EEPROM, BYTE0 Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
BYTE0
R/W
00000000
USER BYTE 0
7.5.20 User EEPROM, BYTE1
Figure 35. User EEPROM, BYTE1, Address = 21h, HEX = 00
7
6
5
4
3
2
1
0
BYTE1 [15:8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
Table 31. User EEPROM, BYTE1 Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:8
BYTE1
R/W
00000000
USER BYTE 1
7.5.21 User EEPROM, BYTE2
Figure 36. User EEPROM, BYTE2, Address = 22h, HEX = 00
7
6
5
4
3
2
1
0
BYTE2 [23:16]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
Table 32. User EEPROM, BYTE2 Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
23:16
BYTE2
R/W
00000000
USER BYTE 2
7.5.22 User EEPROM, BYTE3
Figure 37. User EEPROM, BYTE3, Address = 23h, HEX = 00
7
6
5
4
3
2
1
0
BYTE3 [31:24]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
Table 33. User EEPROM, BYTE3 Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
31:24
BYTE3
R/W
00000000
USER BYTE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com