Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 9 Page - Texas Instruments

Part # DLPA2000
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPA2000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
9
DLPA2000
www.ti.com
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted) (see
(1)(2))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED CURRENT CONTROL
Vf
LED forward voltage
4.8
V
ILED
DLPA2000 LED currents
VIN ≥ 2.3 V, VLED ≤ 4.8 V
RLIM = 100 mΩ, 0.1%, TA = 25°C (see
register settings)
Current at minimum code 0x00Ch for SWx
IDAC[9:0].
25
mA
VIN ≥ 2.3 V, VLED ≤ 4.8 V
RLIM = 100 mΩ, 0.1%, TA = 25°C (see
register settings)
Current at maximum code 0x307h for
SWx_IDAC[9:0].
750
DC current accuracy, SW4, 5, 6
RLIM = 100 mΩ
25
mA
Transient LED current limit range
ILIM[3:0] = 0000 at RLIM = 100 mΩ
130
mA
ILIM[3:0] = 1111 at RLIM = 100 mΩ
1500
trise
Current rise time
ILED from 5% to 95%, ILED = 300 mA,
Transient current limit disabled
Not tested in production
50
µs
1.1-V REGULATOR
VCORE (BUCK)
VIN
Input voltage
2.3
6
V
VOUT
Nominal fixed output voltage
1.1
V
DC output voltage accuracy
0 mA
≤ IOUT ≤ 600 mA at VIN > 2.5 V
VOUT = 1.1 V
–1.5%
1.5%
d
Maximum duty cycle
100%
RDS(ON)
Low-side MOSFET on-resistance
VIN = 3.6 V, TJ = 27ºC
185
380
m
Ω
High-side MOSFET on-resistance
240
480
m
Ω
IOUT
Output current
VIN > 2.3 V
300
600
mA
ILIMIT
Switch current limit
1
A
TSS
Soft-start time
Time to ramp from 10% to 90% of VOUT,
VIN = 3.6 V
250
µs
COUT
Output capacitance
10
µF
L
Nominal Inductance
2.2
µH
LOAD SWITCH
VIN
Input voltage range
LS_IN
1.8
3.6
V
RDS(ON)
P-channel MOSFET on-
resistance
VIN = 1.8 V, over full temperature range
385
505
mΩ
COUT
Output capacitor
Ceramic
4.7
10
12
µF
ESR of output capacitor
Ceramic
5
20
500
mΩ
MEASUREMENT SYSTEM (AFE)
G
Amplifier gain (PGA)
AFE_GAIN[1:0] = 01
1.0
V/V
AFE_GAIN[1:0] = 10
9.5
AFE_GAIN[1:0] = 11
18
VOFS
Input referred offset voltage
PGA, AFE_CAL_DIS = 1
Not tested in production
–1
1
mV
Comparator
Not tested in production
–1.5
1.5
tsettle
Settling time
To 1% of final value
(not tested in production)
15
µs
To 0.1% of final value
(not tested in production)
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com