Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 1 Page - Texas Instruments

Part # DLPA2000
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPA2000 Datasheet(HTML) 1 Page - Texas Instruments

  DLPA2000 Datasheet HTML 1Page - Texas Instruments DLPA2000 Datasheet HTML 2Page - Texas Instruments DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
DC Supplies
BAT
1.1 V
WVGA
DDR DMD
DLP2010
(WVGA
DMD)
Included in DLP® Chip Set
1.8 V
2.3 to 5.5 V
Projector Module Electronics
DLPA2000
PARKZ
1.1 V
1.8 V
VCORE
VIO
Illumination
Optics
3
BIAS, RST, OFS
Thermistor
Parallel I/F
VCC_INTF
EEPROM
DLPC3430/
DLPC3435
VCC_FLSH
SPI_1
I2C_1
1.8 V
Other
Supplies
1.1 V
Reg
Cal data
(optional)
FLASH,
SDRAM
Keypad
Front-End
Chip
- OSD
- AutoLock
- Scaler
-MicroController
HDMI
Receiver
Triple
ADC
Charger
DC_IN
VDD
On/Off
HDMI
VGA
SD Card
Reader, and
so forth
(optional)
FLASH
L1
Spare R/W
GPIO
TVP5151
Video
Decoder
BT.656
Keystone
Sensor
GPIO_8 (Normal Park)
1.8 V
VSPI
SPI_0
eDRAM
L2
L3
GND
CVBS
RESETZ
INTZ
LED_SEL(2)
CMP_PWM
VLED
WPC
LABB
4
4
PROJ_ON
PROJ_ON
1.8 V
SYSPWR
RED
GREEN
BLUE
Sub-LVDS DATA
CTRL
I2C
28
HOST_IRQ
Current
Sense
18
CMP_OUT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
DLPA2000 Power Management and LED/Lamp Driver IC
1
1 Features
1
•
High Efficiency RGB LED/Lamp Driver with Buck-
Boost DC-to-DC Converter, DMD Supplies, DPP
Core Supply, 1.8-V Load Switch, and
Measurement System in a Small Chip-Scale
Package
•
Three Low-Impedance (30 mΩ Typical at 27°C)
MOSFET Switches for Channel Selection
•
Independent, 10-Bit Current Control per Channel
•
750-mA Max LED Current for DLPA2000
Embedded Applications
•
On-Chip Motor Driver
•
DMD Regulators
–
Requires Only a Single Inductor
–
VOFS: 10 V
–
VBIAS: 18 V
–
VRST: –14 V
–
Passive Discharge to GND When Disabled
•
DPP 1.1-V Core Supply
–
Synchronous Step-Down Converter with
Integrated Switching FETs
–
Supports up to 600-mA Output Current
•
VLED Buck Boost Converter
–
Power Save Mode at Light Load Current
•
Low-Impedance Load Switch
–
VIN Range from 1.8 V to 3.6 V
–
Supports up to 200 mA of Current
–
Passive Discharge to GND When Disabled
•
DMD Reset Signal Generation and Power Supply
Sequencing
•
33-MHz Serial Peripheral Interface (SPI)
•
Multiplexer for Measuring Analog Signals
–
Battery Voltage
–
LED Voltage, LED Current
–
Light Sensor (for White Point Correction)
–
Internal Reference Voltage
–
External (Thermistor) Temperature Sensor
•
Monitoring and Protection Circuits
–
Hot Die Warning and Thermal
–
Low-Battery Warning
–
Programmable Battery Undervoltage Lockout
(UVLO)
–
Load Switch UVLO
–
Overcurrent and Undervoltage Protection
•
DLPA2000 DSBGA Package
–
56-Ball 0.4-mm Pitch
–
Die Size: 3.280 mm × 3.484 mm ± 0.03 mm
2 Applications
DLP™ Display Projector
DLP™ Mobile Sensing
3 Description
The DLPA2000 is a dedicated PMIC/RGB LED/lamp
driver for the DLP2010 and DLP2010NIR digital
micromirror
devices
(DMD)
when
used
with
a
DLPC3430,
DLPC3435,
or
DLPC150
digital
controller. For reliable operation of these chipsets, it
is mandatory to use the DLPA2000.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPA2000
DSBGA (56)
3.28 mm × 3.48 mm ± 0.03
mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Figure 1. Simplified Schematic


Similar Part No. - DLPA2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
Power Management and LED/Lamp Driver IC
DLPA2000 TI1-DLPA2000 Datasheet
684Kb / 41P
0.2 WVGA DMD
DLPA2000 TI1-DLPA2000 Datasheet
173Kb / 6P
0.23 HD DMD Datasheet
DLPA2000 TI1-DLPA2000 Datasheet
737Kb / 43P
DLP2010LC .2 WVGA DMD
DLPA2000 TI-DLPA2000 Datasheet
549Kb / 6P
DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
More results

Similar Description - DLPA2000

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
Power Management IC Series for Automotive Body Control LED Driver
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
Power Management and User Interface IC
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
POWER AND BATTERY MANAGEMENT IC
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
Power Management and LED/Lamp Driver IC
DLPA2005 TI1-DLPA2005 Datasheet
1Mb / 55P
Power Management and LED/Lamp Driver IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
DLPA1000 TI1-DLPA1000 Datasheet
863Kb / 47P
Power Management and LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com