Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 43 Page - Texas Instruments

Part # DLPA2000
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPA2000 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments DLPA2000 Datasheet HTML 41Page - Texas Instruments DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments DLPA2000 Datasheet HTML 44Page - Texas Instruments DLPA2000 Datasheet HTML 45Page - Texas Instruments DLPA2000 Datasheet HTML 46Page - Texas Instruments DLPA2000 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Current (mA)
0
100
200
300
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
43
DLPA2000
www.ti.com
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Typical Projector Application (continued)
8.2.3 Application Curve
As the LED currents that are driven time-sequentially through the red, green, and blue LEDs are increased, the
brightness of the projector increases. This increase is somewhat non-linear, and the curve for typical white
screen lumens changes with LED currents is as shown in Figure 43. For the LED currents shown, it is assumed
that the same current amplitude is applied to the red, green, and blue LEDs.
SPACE
Figure 43. Luminance vs Current
8.3 Typical Mobile Sensing Application
A typical embedded system application using the DLPC150 controller and the DLPC2010NIR is shown in
Figure 44. In this configuration, the DLPC150 controller supports a 24-bit parallel RGB input, typical of LCD
interfaces, from an external source or processor. The DLPC150 controller processes the digital input image and
converts the data into the format needed by the DLP2010NIR. The DLP2010NIR steers light by setting specific
micromirrors to the on position, directing light to the detector, while unwanted micromirrors are set to the off
position, directing light away from the detector. The microprocessor sends binary images to the DLP2010NIR to
steer specific wavelengths of light into the detector. The microprocessor uses an analog-to-digital converter to
sample the signal received by the detector into a digital value. By sequentially selecting different wavelengths of
light and capturing the values at the detector, the microprocessor can then plot a spectral response to the light.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com