Electronic Components Datasheet Search
  English  ▼

X  

ADS8028 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 11Page - Texas Instruments ADS8028 Datasheet HTML 12Page - Texas Instruments ADS8028 Datasheet HTML 13Page - Texas Instruments ADS8028 Datasheet HTML 14Page - Texas Instruments ADS8028 Datasheet HTML 15Page - Texas Instruments ADS8028 Datasheet HTML 16Page - Texas Instruments ADS8028 Datasheet HTML 17Page - Texas Instruments ADS8028 Datasheet HTML 18Page - Texas Instruments ADS8028 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Temperature=V
EXT_REF
ADC_Code
10
+109.3 - 273.15
Temperature = V
EXT_REF
ADC_Code
4096
-
10
+ 109.3 - 273.15
Positive Temperature =
ADC_Code
4
Negative Temperature =
4096
ADC_Code
-
4
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
If the output data MSB is ‘0’, the temperature can be calculated with Equation 3:
where:
VEXT_REF is the value of the external reference voltage
(3)
If the output data MSB is ‘1’, the temperature can be calculated with Equation 4:
where:
VEXT_REF is the value of the external reference voltage
(4)
For a 2.5-V reference (internal or external), Equation 3 and Equation 4 simplify to Equation 5 and Equation 6,
respectively.
(5)
(6)
REFERENCE
The ADS8028 can operate with either an internal voltage reference or an optional external reference. The type of
reference used is set by the EXT_REF bit in the Control Register.
The internal reference is selected when the EXT_REF bit is set to '0'. A 2.5-V output of the internal reference is
available on the REF pin. A 10-µF decoupling capacitor is recommended between the REF and AGND pins. The
reference circuit requires 5.5 ms to charge the decoupling capacitor. The internal reference is capable of
sourcing up to 2 mA of current and is designed to drive the ADS8028. It is recommended to buffer this output for
use elsewhere in the system.
The ADS8028 can operate with an external reference when the EXT_REF bit is set to '1'. An external reference
can be supplied through the REF pin. By default, the ADS8028 powers up in internal reference mode and must
be programmed to function with an external reference. Until such a time, the ADS8028 draws additional current
from the external reference source. This current is limited to 20 mA, using internal protection circuitry. Texas
Instruments' REF5025 can be used as external reference source for the ADS8028.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com