Electronic Components Datasheet Search
  English  ▼

X  

ADS8028 Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 21Page - Texas Instruments ADS8028 Datasheet HTML 22Page - Texas Instruments ADS8028 Datasheet HTML 23Page - Texas Instruments ADS8028 Datasheet HTML 24Page - Texas Instruments ADS8028 Datasheet HTML 25Page - Texas Instruments ADS8028 Datasheet HTML 26Page - Texas Instruments ADS8028 Datasheet HTML 27Page - Texas Instruments ADS8028 Datasheet HTML 28Page - Texas Instruments ADS8028 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ADS8028
430 pF
24.9
Ÿ
+
OPA836
VS+
VS+
AC
0V W 2.5V ADC
Input Range
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
APPLICATION INFORMATION
USAGE OF INTERNAL TEMPERATURE SENSOR
The ADS8028 accurately measures and converts the temperature of its own silicon die. Most of the heat transfer
between any external heat source and the ADS8028 die occurs via the thermal pad. Therefore, the ADS8028
can be used to measure the temperature of any external heat source by minimizing the thermal resistance
between the heat source and the device thermal pad.
APPLICATION CIRCUITS
ADC Driver
The OPA836 is a low-power, 205-MHz bandwidth op amp with 560-V/
μs slew rate, and is an excellent driver for
the ADS8028 SAR ADC for high ac performance at maximum throughput (1 MSPS). The high bandwidth of the
OPA836 is able to correct for fast load transients created by the SAR ADC switching behavior. An RC circuit
inserted between the OPA836 and ADS8028 is recommended to further aid the overall circuit performance. This
configuration is shown in Figure 40. The RC filter effectively limits the full-power bandwidth of the ADS8028 to
reduce the overall noise bandwidth and peak-to-peak noise sampled by the ADS8028. The capacitance is sized
to be 10 to 20 times larger than the internal ADS8028 sampling capacitor to provide quick charge sharing to the
ADC during switching transients. Furthermore, the resistor provides some isolation between the OPA836 output
and the capacitive load to stabilize the amplifier. The RC circuit –3-dB cutoff frequency should be an order of
magnitude or larger than the highest input signal frequency to avoid attenuating the desired input signal. A
collection of other ADC driving circuits can be found in application note Buffer Op Amp to ADC Circuit Collection
(SLOA098).
Figure 40. OPA836 Buffer
The TINA-TI simulation file of this circuit can be downloaded by clicking the following link: OPA836 Buffer.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com