Electronic Components Datasheet Search
  English  ▼

X  

ADS8028 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 16Page - Texas Instruments ADS8028 Datasheet HTML 17Page - Texas Instruments ADS8028 Datasheet HTML 18Page - Texas Instruments ADS8028 Datasheet HTML 19Page - Texas Instruments ADS8028 Datasheet HTML 20Page - Texas Instruments ADS8028 Datasheet HTML 21Page - Texas Instruments ADS8028 Datasheet HTML 22Page - Texas Instruments ADS8028 Datasheet HTML 23Page - Texas Instruments ADS8028 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
CS
SCLK
DOUT
DIN
1
16
TM_BUSY
1
16
1
16
InvalidData
Command:
SelectChannelTSENSE
InvalidData
Command:
SelectChannelAIN0
NoWritetothe
ControlRegister
ConversionResultfor
TemperatureMeasurement
WaitingforConfiguration
IntegratingandConverting
forT
SENSE
ConvertingforChannelAIN0
t
ACQ
CS
SCLK
DOUT
DIN
1
16
InvalidData
InvalidData
Command:
SelectChannelAIN3
Command:
SelectChannelAIN5
ConversionResultfor
ChannelAIN3
Command:
SelectChannelAIN1
Command:
SelectChannelAINx
ConversionResultfor
ChannelAIN5
ConvertingforChannelAIN3
WaitingforConfiguration
ConvertingforChannelAIN5
ConvertingforChannelAIN1
1
16
1
16
1
16
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
Internal Temperature Sensor Channel
The internal temperature sensor can be selected for conversion by writing a '1' to the TSENSE bit in the Control
Register. On the next CS falling edge, the TM_BUSY pin goes high and remains high throughout the temperature
sensor conversion process. When the TM_BUSY pin goes high, 16 clocks are required to execute one valid read
or write cycle: to read the previous conversion result and to program the next conversion settings. However, any
subsequent read or write operations are ignored until TM_BUSY goes low; CS is ignored, the Control Register is
not updated, and DOUT returns all '1's.
The ADS8028 takes 100
μs (max) to measure and convert the temperature channel. A TM_BUSY signal falling
edge can be used to initiate a read operation in order to read the temperature conversion result. However, tACQ
must be allowed to elapse between the TM_BUSY falling edge and the subsequent CS falling edge to ensure
that the subsequent conversion has sufficient acquisition time. Figure 34 shows the temperature sensor
conversion sequence.
After TM_BUSY goes high, the temperature conversion can be aborted by writing a '1' to the STANDBY bit in the
first write operation. The device aborts the ongoing conversion and enters STANDBY mode on the 16th SCLK
falling edge.
Figure 34. Serial Interface Timing Diagram for the Temperature Sensor Conversion
MODES OF OPERATION
Channel Scanning
The ADS8028 offers different modes of operation that can be selected by programming the Control Register.
Channel-scanning modes enable any of the nine channels to be selected for conversion and also allow the
selected channels to be repeatedly converted. Low-power modes allow power consumption and throughput rate
ratio to be optimized.
Single or Multiple Channels: One Conversion
The ADS8028 can be configured to convert any of the nine channels by writing a '1' to the Control Register bit
associated with the desired channel. After power-up, a valid write operation must be executed on the Control
Register to select the desired channel. In this mode, the REPEAT bit in the Control Register should be set to '0'.
The selected channel is converted in the second frame and the conversion result can be clocked out in the third
frame. During the second frame, the Control Register can be written to select the channel to be converted in the
third frame. Figure 35 shows a diagram of this configuration.
Figure 35. Configuring a Conversion and Read with the ADS8028
(One Channel Selected for Conversion, REPEAT = 0)
20
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com