Electronic Components Datasheet Search
  English  ▼

X  

ADS8028 Datasheet(PDF) 33 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 28Page - Texas Instruments ADS8028 Datasheet HTML 29Page - Texas Instruments ADS8028 Datasheet HTML 30Page - Texas Instruments ADS8028 Datasheet HTML 31Page - Texas Instruments ADS8028 Datasheet HTML 32Page - Texas Instruments ADS8028 Datasheet HTML 33Page - Texas Instruments ADS8028 Datasheet HTML 34Page - Texas Instruments ADS8028 Datasheet HTML 35Page - Texas Instruments ADS8028 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
www.ti.com
PACKAGE OUTLINE
C
4.15
3.85
4.15
3.85
0.8
0.7
0.05
0.00
2X 2
16X 0.5
2X 2
20X
0.5
0.3
20X
0.30
0.18
2.6 0.1
(0.2) TYP
WQFN - 0.8 mm max height
RTJ0020F
PLASTIC QUAD FLATPACK - NO LEAD
4219126/A 02/2019
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
5
6
10
11
15
16
20
21
SCALE 3.500
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com