Electronic Components Datasheet Search
  English  ▼

X  

ADS8028 Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 15Page - Texas Instruments ADS8028 Datasheet HTML 16Page - Texas Instruments ADS8028 Datasheet HTML 17Page - Texas Instruments ADS8028 Datasheet HTML 18Page - Texas Instruments ADS8028 Datasheet HTML 19Page - Texas Instruments ADS8028 Datasheet HTML 20Page - Texas Instruments ADS8028 Datasheet HTML 21Page - Texas Instruments ADS8028 Datasheet HTML 22Page - Texas Instruments ADS8028 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
DATA READ OPERATION
Table 3 shows the ADS8028 output data format. Bits ADD[3:0] specify the channel selected for conversion and
bits DB[11:0] are the conversion result for the selected channel.
Table 3. Channel Address Bits
ADD3
ADD2
ADD1
ADD0
ANALOG INPUT CHANNEL
0
0
0
0
AIN0
0
0
0
1
AIN1
0
0
1
0
AIN2
0
0
1
1
AIN3
0
1
0
0
AIN4
0
1
0
1
AIN5
0
1
1
0
AIN6
0
1
1
1
AIN7
1
0
0
0
TSENSE without averaging
1
0
0
1
TSENSE with averaging
Analog Input Channel
A CS falling edge brings the DOUT pin out of 3-state and also outputs the ADD3 bit on the DOUT pin. The next
15 bits of data (ADD2 to DB0) are clocked out on the subsequent SCLK falling edges. Therefore, the first SCLK
falling edge outputs the ADD2 bit on DOUT and can also be used by the microcontroller or DSP to read the first
bit (ADD3). Similarly, bit DB0 is clocked out on the 15th SCLK falling edge and can be read by the
microcontroller or DSP on the 16th SCLK falling edge. The 16th SCLK falling edge also puts the DOUT pin into
3-state.
When using a slower SCLK, it may be possible for the microcontroller or DSP to read the data on each SCLK
rising edge. The first SCLK rising edge (after the CS falling edge) reads ADD3 and the 15th SCLK rising edge
reads DB0.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com