Electronic Components Datasheet Search
  English  ▼

X  

ADS8028 Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 22Page - Texas Instruments ADS8028 Datasheet HTML 23Page - Texas Instruments ADS8028 Datasheet HTML 24Page - Texas Instruments ADS8028 Datasheet HTML 25Page - Texas Instruments ADS8028 Datasheet HTML 26Page - Texas Instruments ADS8028 Datasheet HTML 27Page - Texas Instruments ADS8028 Datasheet HTML 28Page - Texas Instruments ADS8028 Datasheet HTML 29Page - Texas Instruments ADS8028 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Frequency (kHz)
AVDD = 5 V
VREF = 2.5 V internal
fSAMPLE = 1 MHz
fIN = 49.9115 kHz
fSCLK = 20 MHz
SNR =72.145 dB
THD = −87.844 dB
G033
ADS8028
430 pF
24.9
Ÿ
+
OPA836
VS+
VS+
AC
2
NŸ
2
NŸ
1
NŸ
+5V
0.25V W 2.25V
-2V W +2V
47 pF
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
The ac performance of the circuit in Figure 40 was tested with a 2.36-VPP (–0.5 dBFS), 49.911499023-kHz input
sine wave. The FFT of the sampled input signal with 8192 samples is shown in Figure 41. The high-precision
input signal frequency used to achieve coherent sampling without a windowing function is applied to the data
prior to the Fourier Transform. Figure 41 shows that this driver circuit allows the ADS8028 to operate at full
throughput within typical characteristic specifications.
Figure 41. FFT Showing OPA836 Buffer and ADS8028 AC Performance
The ADC drive circuitry may also function to scale output signals from a sensor to the full input voltage range of
the ADS8028 to take advantage of the full ADC dynamic range. It is likely that the input signal range will not
match the ADS8028 voltage range (0 V to VREF). Input signals to the ADC may need to be amplified, attenuated,
or level-shifted. In Figure 42, a resistor network is added in the circuit prior to the OPA836 buffer that can
attenuate and level-shift signals. The input signal in Figure 42 is bipolar and is scaled to a unipolar signal for use
in the single-supply circuit. The added resistor network does not significantly increase power consumption or load
the sensor if large resistor values are chosen. The trade-off to using large resistor values is the added thermal
noise injected into the signal path. A shunt capacitor (47 pF shown) is then added between the resistor network
and OPA836 buffer such that the desired input signal is minimally attenuated while higher frequency thermal
noise is removed.
More ADC analog interface design details and a step-by-step design example are provided in the Applications
Journal article, Sensor to ADC--analog interface design (SLYT173).
Figure 42. OPA836 Buffer with Voltage Scaling
The TINA-TI simulation file of this circuit can be downloaded by clicking the following link: OPA836 Buffer with
Voltage Scaling.
26
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com