Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 109Page - Texas Instruments TMS320DM355 Datasheet HTML 110Page - Texas Instruments TMS320DM355 Datasheet HTML 111Page - Texas Instruments TMS320DM355 Datasheet HTML 112Page - Texas Instruments TMS320DM355 Datasheet HTML 113Page - Texas Instruments TMS320DM355 Datasheet HTML 114Page - Texas Instruments TMS320DM355 Datasheet HTML 115Page - Texas Instruments TMS320DM355 Datasheet HTML 116Page - Texas Instruments TMS320DM355 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 154 page
background image
www.ti.com
5.8 MMC/SD
5.8.1
MMC/SD Electrical Data/Timing
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
The DM355 includes two separate MMC/SD Controllers which are compliant with MMC V3.31, Secure
Digital Part 1 Physical Layer Specification V1.1 and Secure Digital Input Output (SDIO) V1.0
specifications.
The DM355 MMC/SD Controller has following features:
• MultiMediaCard (MMC).
• Secure Digital (SD) Memory Card.
• MMC/SD protocol support.
• SDIO protocol support.
• Programmable clock frequency.
• 256 bit Read/Write FIFO to lower system overhead.
• Slave EDMA transfer capability.
The DM355 MMC/SD Controller does not support SPI mode.
Table 5-15. Timing Requirements for MMC/SD Module
(see Figure 5-20 and Figure 5-22)
DM355
NO.
FAST MODE
STANDARD MODE
UNIT
MIN
MAX
MIN
MAX
1
tsu(CMDV-CLKH)
Setup time, SD_CMD valid before SD_CLK high
6
5
ns
2
th(CLKH-CMDV)
Hold time, SD_CMD valid after SD_CLK high
2.5(1)
5
ns
3
tsu(DATV-CLKH)
Setup time, SD_DATx valid before SD_CLK high
6
5
ns
4
th(CLKH-DATV)
Hold time, SD_DATx valid after SD_CLK high
2.5
5
ns
(1)
For this parameter, you may include margin in your board design so that the toh = 2.5 ns of the MMC/SD device is not degraded at the
DM355 input pin.
Table 5-16. Switching Characteristics Over Recommended Operating Conditions for MMC/SD Module
(see Figure 5-19 through Figure 5-22)
DM355
STANDARD
NO.
PARAMETER
FAST MODE
UNIT
MODE
MIN
MAX
MIN
MAX
7
f(CLK)
Operating frequency, SD_CLK
0
50
0
25
MHz
8
f(CLK_ID)
Identification mode frequency, SD_CLK
0
400
0
400
KHz
9
tW(CLKL)
Pulse width, SD_CLK low
7
10
ns
10
tW(CLKH)
Pulse width, SD_CLK high
7
10
ns
11
tr(CLK)
Rise time, SD_CLK
3
10
ns
12
tf(CLK)
Fall time, SD_CLK
3
10
ns
td(CLKL-
13
Delay time, SD_CLK low to SD_CMD transition
-7.5
4
-7.5
14
ns
CMD)
14
td(CLKL-DAT) Delay time, SD_CLK low to SD_DATx transition
-7.5
4
-7.5
14
ns
Submit Documentation Feedback
DM355 Peripheral Information and Electrical Specifications
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com