Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 152 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 146Page - Texas Instruments TMS320DM355 Datasheet HTML 147Page - Texas Instruments TMS320DM355 Datasheet HTML 148Page - Texas Instruments TMS320DM355 Datasheet HTML 149Page - Texas Instruments TMS320DM355 Datasheet HTML 150Page - Texas Instruments TMS320DM355 Datasheet HTML 151Page - Texas Instruments TMS320DM355 Datasheet HTML 152Page - Texas Instruments TMS320DM355 Datasheet HTML 153Page - Texas Instruments TMS320DM355 Datasheet HTML 154Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 152 / 154 page
background image
www.ti.com
6
Revision History (Revision D)
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
This data sheet revision history highlights the technical changes made to the SPRS463C device-specific
data sheet to make it an SPRS463D revision.
Scope: Applicable updates to the DM35x DMSoC device family, specifically relating to the
TMS320DM355 device, have been incorporated.
• This device now supports MPEG4 only.
ADDS/CHANGES/DELETES
Global: Updated/Changed "PRODUCT PREVIEW (PP)" to "Production Data (PD)".
Global: Updated/Changed all references of "TMS320DM355 DMSoC Video Processing Back End (VPBE) User’s Guide" to "TMS320DM35x
Digital Media System-on-Chip Video Processing Back End (VPBE) Reference Guide (literature number SPRUF72)".
Global: Updated/Changed all references of "ARM Subsystem Reference/User guide" to "TMS320DM35x Digital Media System-on-Chip
(DMSoC) ARM Subsystem Reference Guide (literature number SPRUFB3)".
Global: Updated/Changed all references of "DDR/mDDR Peripheral Reference Guide" to "TMS320DM35x Digital Media System-on-Chip
(DMSoC) DDR2/mDDR Memory Controller Reference Guide (literature number SPRUEH7).”
Table 2-11 , GPIO Terminal Functions
•
Updated/Changed the description for pin L4 from “SPI: SPI2 Data In” to “SPI: SPI2 Data In-OR- SPI2 Chip select 1”.
•
Updated/Changed the description for pin M3 from "SPI2: Chip select” to “SPI2: Chip select 0".
Table 2-17 , SPI Terminal Functions
•
Updated/Changed the description for pin A13 from “SPI1: Chip select” to “SPI1: Chip select 1".
•
Updated/Changed the description for pin M3 from “SPI1: Chip select” to “SPI1: Chip select 0”
•
Updated/Changed the description for pin L4 from “SPI: SPI2 Data In” to “SPI: SPI2 Data In-OR- SPI2 Chip select 1”
Table 2-23 , DM355 Pin Descriptions
•
Updated/Changed the description for pin M3 from “SPI1: Chip select” to “SPI1: Chip select 0”
•
Updated/Changed the description for pin L4 from “SPI: SPI2 Data In” to “SPI: SPI2 Data In-OR- SPI2 Chip select 1”
•
Updated/Changed the DESCRIPTION text for DDR_DQM[1] (U15) from "Data mask outputs: DQM0: For DDR_DQ[7:0]" to "Data
mask outputs: DDR_DQM1: For DDR_DQ[15:8]".
•
Updated/Changed the DESCRIPTION text for DDR_DQM[0] (T12) from "Data mask outputs: DQM1: For DDR_DQ[15:8]" to "Data
mask outputs: DDR_DQM0: For DDR_DQ[7:0]".
•
Updated/Changed the DESCRIPTION text for pin DDR_DQS[1] (V15) from "DQS1: For DDR_DQ[15:8]" to " DDR_DQS1: For
DDR_DQ[15:8]".
•
Updated/Changed the DESCRIPTION text for pin DDR_DQS[0] (V12) from "DQS0: For DDR_DQ[7:0]" to "DDR_DQS0: For
DDR_DQ[7:0]".
Table 3-19
•
Updated/Changed “MMC0RXEVT or MEMSTK:MSEVT” to "MMCORXEVT" for EDMA Channel 26
Section 5.9.1.1 , CCD Controller (CCDC)
•
Updated/Changed the bullet "Support for ITU-R BT.656 standard format...".
•
Updated/Changed the bullet "Support for generating output to range from...".
Section 5.10, USB 2.0
•
Updated/Changed "The DM355 USB2.0 ..." paragraph.
•
Updated/Changed "4K byte ..." bullet.
Section 5.14 , Audio Serial Port (ASP)
•
Added the bullet "Direct interface to SPI protocol...".
Section 5.16 , Pulse Width Modulator (PWM)
•
Deleted DM320 from the bullet "One-shot operation triggerable by the CCD VSYNC output of the video...".
Section 7.1, Thermal Resistance Characteristics (PBGA Package) [ZCE]
•
Updated/Changed the thermal resistance characteristics.
Revision History (Revision D)
152
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com