Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 17 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC3301 Datasheet HTML 13Page - Texas Instruments CC3301 Datasheet HTML 14Page - Texas Instruments CC3301 Datasheet HTML 15Page - Texas Instruments CC3301 Datasheet HTML 16Page - Texas Instruments CC3301 Datasheet HTML 17Page - Texas Instruments CC3301 Datasheet HTML 18Page - Texas Instruments CC3301 Datasheet HTML 19Page - Texas Instruments CC3301 Datasheet HTML 20Page - Texas Instruments CC3301 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
6.15.2 SPI Timing Specifications
SPI is another host interface for WLAN. The CC330x device also supports shared SPI interface for both BLE and
WLAN.
6.15.2.1 SPI Timing Diagram
Figure 6-5. SPI Timing
6.15.2.2 SPI Timing Parameters
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fclock
Clock frequency, CLK
26
MHz
tHigh
High Period
10
ns
tLow
Low Period
10
tTLH
Rise time, CLK
3
tTHL
Fall time, CLK
3
tCSsu
CS Setup time, CS valid before CLK ↑
3
tISU
PICO, input valid before CLK ↑
3
tIH
PICO Hold time, input valid after CLK ↑
3
tDr, tDf - Active
Delay time, CLK ↑/↓ to output valid
2
10
tDr, tDf - Sleep
Delay time, CLK ↑/↓ to output valid
12
CL
Capacitive load on outputs
15
40
pF
www.ti.com
CC3301, CC3300
SWRS294D – MARCH 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com