Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC3301 Datasheet HTML 4Page - Texas Instruments CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments CC3301 Datasheet HTML 10Page - Texas Instruments CC3301 Datasheet HTML 11Page - Texas Instruments CC3301 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
6 Specifications
All specifications are given at the CC3301 pins. Typical values are measured with nominal device at 25°C.
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
PINS
MIN
MAX
UNIT
VPA
VDD PA Voltage
39,40
–0.5
4.2
V
VMAIN
Main supply voltage for analog and digital - VDD_MAIN_IN,
VDDA_IN1, VDDA_IN2
32, 4, 5
–0.5
2.1
V
VIO
VDD IO Voltage
17
–0.5
2.1
V
Input Voltage to all digital pins
–0.5
VIO + 0.5
V
HFXT_P Input Voltage
6
–0.5
2.1
V
VPP
VPP OTP Voltage
35
–0.5
2.1
V
TA
Operating Ambient Temperature
–40
105
°C
Tstg
Storage temperature
–55
155
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
AEC Q100-002(1)
RF pins
±1000
V
Other pins
±2000
Charged device model (CDM), per
AEC Q100-011
RF pins
±250
Other pins
±500
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
PINS
MIN
TYP
MAX
UNIT
VMAIN
Main supply voltage digital and analog - VDD_MAIN_IN,
VDDA_IN1, VDDA_IN2
32,4,5
1.62
1.8
1.98
V
VPA
DC supply rail for PA
39,40
3
3.3
3.6
VIO
DC supply rail for input/output
17
1.62
1.8
1.98
VPP
DC supply rail for OTP memory
35
1.62
1.8
1.98
TA
Operating ambient temperature
–40
85/105(1)
°C
Maximum power dissipation
2
W
(1)
The CC3300 and CC3301 devices may operate at temperatures of up to 105°C. This allows the device to be used reliably in
applications that may be exposed to higher ambient temperature over certain periods of the product’s life. At temperatures higher than
85°C, the WLAN/BLE performance may degrade.
CC3301, CC3300
SWRS294D – MARCH 2023 – REVISED DECEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com