Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments CC3301 Datasheet HTML 10Page - Texas Instruments CC3301 Datasheet HTML 11Page - Texas Instruments CC3301 Datasheet HTML 12Page - Texas Instruments CC3301 Datasheet HTML 13Page - Texas Instruments CC3301 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
6.7 WLAN Performance: 2.4-GHz Transmitter Power
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operational Frequency Range
2412
2472
MHz
Maximum output power at VPA > 3.0 V
1 Mbps DSSS
20.5
dBm
6 Mbps OFDM
20.2
54 Mbps OFDM
17.4
HT MCS0 MM
20.2
HT MCS7 MM
17.4
HE MCS0
20.2
HE MCS7
17.3
6.8 BLE Performance: Receiver Characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
BLE 125Kbps (LE Coded) Receiver Characteristics
Receiver sensitivity
PER <30.2%
-102.2
dBm
Receiver saturation
PER <30.2%
0
dBm
Co-channel rejection(1)
Wanted signal at -79 dBm, modulated interferer in
channel
10
dB
Selectivity, ±1 MHz(1)
Wanted signal at -79 dBm, modulated interferer at
±1 MHz.
0 / 0
dB
Selectivity, ±2 MHz(1)
Wanted signal at -79 dBm, modulated interferer at
±2 MHz.
-37 / -30
dB
Selectivity, ±3 MHz(1)
Wanted signal at -79 dBm, modulated interferer at
±3 MHz.
-39 / -36
dB
Selectivity, ±4 MHz(1)
Wanted signal at -79 dBm, modulated interferer at
±4 MHz.
-45 / -41
dB
RSSI Accuracy
Dynamic range of -90 to -20dBm
-4
4
dB
BLE 500Kbps (LE Coded) Receiver Characteristics
Receiver sensitivity
PER <30.2%
-99.8
dBm
Receiver saturation
PER <30.2%
0
dBm
Co-channel rejection(1)
Wanted signal at -72 dBm, modulated interferer in
channel.
10
dB
Selectivity, ±1 MHz(1)
Wanted signal at -72 dBm, modulated interferer at
±1 MHz.
0 / 0
dB
Selectivity, ±2 MHz(1)
Wanted signal at -72 dBm, modulated interferer at
±2 MHz.
-35 / -25
dB
Selectivity, ±3 MHz(1)
Wanted signal at -72 dBm, modulated interferer at
±3 MHz.
-40 / -37
dB
Selectivity, ±4 MHz(1)
Wanted signal at -72 dBm, modulated interferer at
±4 MHz.
-45 / -40
dB
RSSI Accuracy
Dynamic range of -90 to -20dBm
-4
4
dB
BLE 1Mbps (LE 1M) Receiver Characteristics
Receiver sensitivity(2)
PER <30.2%, 37-byte packets
–99.4
dBm
Receiver sensitivity(2)
PER <30.2%, 255 byte-packets
–98.1
dBm
Receiver saturation
PER <30.2%
0
dBm
Co-channel rejection(1)
Wanted signal at -67 dBm, modulated interferer in
channel
10
dB
CC3301, CC3300
SWRS294D – MARCH 2023 – REVISED DECEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com