Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301 Datasheet(HTML) 4 Page - Texas Instruments

  CC3301 Datasheet HTML 1Page - Texas Instruments CC3301 Datasheet HTML 2Page - Texas Instruments CC3301 Datasheet HTML 3Page - Texas Instruments CC3301 Datasheet HTML 4Page - Texas Instruments CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................2
4 System Diagram.............................................................. 3
5 Terminal Configuration and Functions..........................5
5.1 Pin Diagram................................................................ 5
5.2 Pin Attributes...............................................................6
6 Specifications.................................................................. 8
6.1 Absolute Maximum Ratings........................................ 8
6.2 ESD Ratings............................................................... 8
6.3 Recommended Operating Conditions.........................8
6.4 Electrical Characteristics.............................................9
6.5 Thermal Resistance Characteristics........................... 9
6.6 WLAN Performance: 2.4-GHz Receiver
Characteristics...............................................................9
6.7 WLAN Performance: 2.4-GHz Transmitter Power.... 10
6.8 BLE Performance: Receiver Characteristics.............10
6.9 BLE Performance - Transmitter Characteristics........11
6.10 Current Consumption - WLAN Static Modes.......... 12
6.11 Current Consumption - WLAN Use Cases..............12
6.12 Current Consumption - BLE Static Modes.............. 13
6.13 Current Consumption - Device States.................... 13
6.14 Timing and Switching Characteristics..................... 13
6.15 Interface Timing Characteristics..............................15
7 Applications, Implementation, and Layout................. 18
8 Device and Documentation Support............................19
8.1 Third-Party Products Disclaimer............................... 19
8.2 Device Nomenclature Boilerplate..............................19
8.3 Tools and Software................................................... 20
8.4 Documentation Support............................................ 20
8.5 Support Resources................................................... 21
8.6 Trademarks...............................................................21
8.7 Electrostatic Discharge Caution................................21
8.8 Glossary....................................................................21
9 Revision History............................................................ 21
10 Mechanical, Packaging, and Orderable
Information.................................................................... 22
CC3301, CC3300
SWRS294D – MARCH 2023 – REVISED DECEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com