Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments CC3301 Datasheet HTML 10Page - Texas Instruments CC3301 Datasheet HTML 11Page - Texas Instruments CC3301 Datasheet HTML 12Page - Texas Instruments CC3301 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
6.4 Electrical Characteristics
PARAMETER
DESCRIPTION
TEST
CONDITION
MIN
TYP
MAX
UNIT
VIH
High Level Input Voltage
0.65 x VIO
VIO
V
VIL
Low Level Input Voltage
0
0.35 x VIO
VOH
High Level Output Voltage
at 4mA
VIO – 0.45
VIO
VOL
Low Level Output Voltage
at 4mA
0
0.45
6.5 Thermal Resistance Characteristics
THERMAL METRIC(1)
DESCRIPTION
UNIT
RθJA
Junction-to-ambient thermal resistance (According to JEDEC
EIA/JESD 51 document)
30.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
16.7
RθJB
Junction-to-board thermal resistance
10
ΨJT
Junction-to-top characterization parameter
0.1
ΨJB
Junction-to-board characterization parameter
10
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 WLAN Performance: 2.4-GHz Receiver Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operational Frequency Range
2412
2472
MHZ
Sensitivity: 8% PER for 11b rates, 10%
PER for 11g/n/ax rates
1 Mbps DSSS
-98
dBm
2 Mbps DSSS
-95.3
11 Mbps CCK
-90
6 Mbps OFDM
-93.2
54 Mbps OFDM
-75.5
HT MCS0 MM 4K
-93
HT MCS7 MM 4K
-72.9
HE MCS0 4K
-92.7
HE MCS7 4K
-72.5
Maximum input level: 8% PER for 11b
rates, 10% PER for 11g/n/ax rates
1 DSSS
0
dBm
OFDM6, HT MCS0, HE MCS0
0
OFDM54, HT MCS7, HE MCS7
-9
Adjacent Channel Rejection
1 Mbps DSSS
45
dB
11 Mbps CCK
39
6 Mbps OFDM
20
54 Mbps OFDM
3
HT MCS0
20
HT MCS7
3
HE MCS0
16
HE MCS7
-1
RSSI Accuracy
-90 dBm to -30dBm
-3
3
dB
www.ti.com
CC3301, CC3300
SWRS294D – MARCH 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com