Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC3301 Datasheet HTML 3Page - Texas Instruments CC3301 Datasheet HTML 4Page - Texas Instruments CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments CC3301 Datasheet HTML 10Page - Texas Instruments CC3301 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Table 5-1. Pin Attributes (continued)
PIN
SIGNAL NAME
TYPE
DIR (I/O)
VOLTAGE
LEVEL
SHUTDOW
N STATE
STATE
AFTER
POWER-
UP
DESCRIPTION
31
DIG_LDO_OUT
Analog
O
Digital LDO output to
decoupling capacitor
32
VDD_MAIN_IN
POW
1.8 V supply input for SRAM
and digital
33
nRESET
Digital
I
VIO
PD
PD
Reset line for enabling or
disabling device (active low)
34
SLOW_CLK_IN
Digital
I
VIO
PD
PD
32.768-kHz RTC clock input
35
VPP_IN
POW
1.8 V OTP programming input
supply
36
FAST_CLK_REQ
Digital
O
VIO
PD
PD
Fast clock request from the
device
37
NC
NC
Connect to GND
38
NC
NC
Connect to GND
39
PA_LDO_IN
POW
3.3 V supply for PA
40
PA_LDO_IN
POW
3.3 V supply for PA
1. All digital I/O's (with the exception of SDIO signals) are Hi-Z when the device is in shutdown mode with
internal PU/PD according to the "shutdown state" column.
2. See software release notes for support level.
3. LOGGER and HOST_IRQ_WL pins are sensed by the device during boot, see CC33xx Hardware
Integration.
www.ti.com
CC3301, CC3300
SWRS294D – MARCH 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com