Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC3301 Datasheet HTML 2Page - Texas Instruments CC3301 Datasheet HTML 3Page - Texas Instruments CC3301 Datasheet HTML 4Page - Texas Instruments CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments CC3301 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
5.2 Pin Attributes
Table 5-1. Pin Attributes
PIN
SIGNAL NAME
TYPE
DIR (I/O)
VOLTAGE
LEVEL
SHUTDOW
N STATE
STATE
AFTER
POWER-
UP
DESCRIPTION
1
PA_LDO_OUT
Analog
RF power amplifier LDO output
2
RF_BG
RF
I/O
Bluetooth Low Energy and
WLAN 2.4-GHz RF port
3
GND
GND
GND
4
VDDA_IN1
POW
1.8 V supply for analog domain
5
VDDA_IN2
POW
1.8 V supply for analog domain
6
HFXT_P
Analog
Sine
XTAL_P
7
HFXT_M
Analog
XTAL_N
8
COEX_GRANT2
Digital
O
VIO
PD
PD
External coexistence interface -
grant
9
COEX_PRIORITY2
Digital
I
VIO
PU
PU
External coexistence interface -
priority
10
COEX_REQ2
Digital
I
VIO
PU
PU
External coexistence interface -
request
11
UART RTS
Digital
O
VIO
PU
PU
Device RTS signal - flow control
for BLE HCI
12
UART CTS
Digital
I
VIO
PU
PU
Device CTS signal - flow control
for BLE HCI
13
UART RX
Digital
I
VIO
PU
PU
UART RX for BLE HCI
14
UART TX
Digital
O
VIO
PU
PU
UART TX for BLE HCI
15
ANT_SEL2
Digital
O
VIO
PD
PD
Antenna select control line
16
GND
GND
GND
17
VIO
POW
1.8 V IO supply
18
SDIO CMD
Digital
I/O
VIO
HiZ
HiZ
SDIO command or SPI PICO
19
SDIO CLK
Digital
I
VIO
HiZ
HiZ
SDIO clock or SPI clock
20
GND
GND
GND
21
SDIO D3
Digital
I/O
VIO
HiZ
PU
SDIO data D3 or SPI CS
22
SDIO D2
Digital
I/O
VIO
HiZ
HiZ
SDIO data D2
23
SDIO D1
Digital
I/O
VIO
HiZ
HiZ
SDIO data D1
24
SDIO D0
Digital
I/O
VIO
HiZ
HiZ
SDIO data D0 or SPI POCI
25
GND
GND
GND
26
SWCLK
Digital
I
VIO
PD
PD
Serial wire debug clock
27
SWDIO
Digital
I/O
VIO
PU
PU
Serial wire debug I/O
28
LOGGER3
Digital
O
VIO
PU
PU
Tracer (UART TX debug logger)
29
HOST_IRQ_WL3
Digital
O
VIO
PD
0
Interrupt request to host for
WLAN
30
HOST_IRQ_BLE3
Digital
O
VIO
PD
PD
Interrupt request to host for BLE
(in shared SDIO mode)
CC3301, CC3300
SWRS294D – MARCH 2023 – REVISED DECEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com