Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 14Page - Microchip Technology MCP4728 Datasheet HTML 15Page - Microchip Technology MCP4728 Datasheet HTML 16Page - Microchip Technology MCP4728 Datasheet HTML 17Page - Microchip Technology MCP4728 Datasheet HTML 18Page - Microchip Technology MCP4728 Datasheet HTML 19Page - Microchip Technology MCP4728 Datasheet HTML 20Page - Microchip Technology MCP4728 Datasheet HTML 21Page - Microchip Technology MCP4728 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
MCP4728 Evaluation Board User’s Guide
DS51837A-page 14
© 2009 Microchip Technology Inc.
1.3.2.1
CREATING SCRIPT FILE FOR CONFIGURATION BYTE WRITING
1.
Click on WriteBlockAddrA8 in “Example I2C Scripts” column.
This will result in filling in the spaces under the Script Detail column.
You can now modify the Script Detail column parameters by clicking with the
right mouse button.
How to modify the parameters box in Script Details:
1.
Under the Script Detail box, select the item in the parameter box.
2.
Right click the mouse button. An option box will appear to the right of your
selection. These are the options available for the parameter selected.
3.
Select the desired option and delete or insert the parameter box.
4.
Keep the parameters in order as shown in the next examples.
1.3.2.2
EXAMPLE 1: SELECTING VOLTAGE REFERENCE OF EACH DAC
CHANNEL
You can select the voltage reference of each channel individually. The choices are:
external (VDD) or internal reference voltage (VREF = 2.048V). Figure 1-10 shows an
example of writing a script file on the PICkit Serial PC GUI.
FIGURE 1-10:
Creating a new Script file to select VREF of each DAC channel. In this example,
external VREF (VREF =VDD) is selected for all DAC channels.
Note:
The following examples need knowledge on the MCP4728 Registers and
Command protocols. Please refer to the Appendix C. “MCP4728
Read/Write Commands” and the MCP4728 Data Sheet for more details.
1.
To change value:
•
Click this box and
type a new value
2.
To delete or Insert box:
•
Select the box and
right click the mouse
button for options
available
3.
Make sure the listed
parameters in “script
Detail” are in the exact
order as shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com