Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 19Page - Microchip Technology MCP4728 Datasheet HTML 20Page - Microchip Technology MCP4728 Datasheet HTML 21Page - Microchip Technology MCP4728 Datasheet HTML 22Page - Microchip Technology MCP4728 Datasheet HTML 23Page - Microchip Technology MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology MCP4728 Datasheet HTML 26Page - Microchip Technology MCP4728 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Quick Start Instructions
© 2009 Microchip Technology Inc.
DS51837A-page 19
• Parameters in the Script Detail column:
1.3.2.7
SAVE THE SCRIPT FILE AND PROGRAMMING THE MCP4728 DAC
REGISTERS
1.
Type in any script name (i.e., MCP4728_W_Fast) in the space below the Script
Name menu.
2.
Click Save Script button.
3.
Click Execute Script button.
4.
You can also see the SCL and SDA waveforms using the Oscilloscope.
5.
Read the VOUT voltage at the VOUT test pads:
In order to update the DAC output register, the LDAC pin must be “Low”.
• Press “S1” button in the MCP4728 Evaluation Board.
The device will update the VOUT as soon as the LDAC pin switch S1 is pressed.
You can now measure the DAC output voltages (VOUT A, VOUT B, VOUT C, VOUT D)
using a voltmeter. When Examples 1, 2, and 3 are executed sequentially, all channels
use an internal reference. Figure 1-13 shows the expectation of each DAC channel out-
puts.
Script Detail
I2CSTART
*
I2CWRTBYT
*
09
-------> This means there are nine bytes to send.
C0
-------> Address byte = 1100-0000 (See Note).
0F
-------> 1st byte of DAC A Register (Channel A) = 0000-1111
FF
-------> 2nd byte of DAC A Register (Channel A) = 1111-1111
07
-------> 1st byte of DAC B Register (Channel B) = 0000-0111
FF
-------> 2nd byte of DAC B Register (Channel B) =1111-1111
03
-------> 1st byte of DAC C Register (Channel C) = 0000-0011
FF
-------> 2nd byte of DAC C Register (Channel C) = 1111-1111
01
-------> 1st byte of DAC D Register (Channel D) = 0000 -0001
FF
-------> 2nd byte of DAC D Register (Channel D) = 1111-1111
I2CSTOP
*
Note:
All parameters above must be listed in order. The parameter above with *
are not modifiable. The MCP4728 device on the evaluation board has I2C
address bits (A2, A1, A0) = (0,0,0).
Note:
At this point, the PICkit Serial transmits the I2C Write Command to the
MCP4728 device. The saved file name will appear in Users I2C Scripts
column, and can be re-used any time by selecting the file name.
Note:
When you click on the “Execute Script” menu, the “Busy” LED on the PICkit
Serial Analyzer will momentarily turn on and then turn off. If the LED
remains ON, a communications problem has occurred. Remove the PICkit
Serial Analyzer from your computer and recheck the parameter values
including the order of parameters under the “Script Detail” column including
the I2C address of the device, and try again until the “Busy” LED turns OFF
immediately after sending the I2C command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com