Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 5Page - Microchip Technology MCP4728 Datasheet HTML 6Page - Microchip Technology MCP4728 Datasheet HTML 7Page - Microchip Technology MCP4728 Datasheet HTML 8Page - Microchip Technology MCP4728 Datasheet HTML 9Page - Microchip Technology MCP4728 Datasheet HTML 10Page - Microchip Technology MCP4728 Datasheet HTML 11Page - Microchip Technology MCP4728 Datasheet HTML 12Page - Microchip Technology MCP4728 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
MCP4728 EVALUATION BOARD
USER’S GUIDE
© 2009 Microchip Technology Inc.
DS51837A-page 5
Chapter 1. Quick Start Instructions
1.1
INTRODUCTION
The following sections provide an overview of the MCP4728 Evaluation Board and
instructions on how to program the DAC register and the EEPROM of the MCP4728
using the PICkitTM Serial Analyzer. The following sections cover the topics:
• Description of the MCP4728 Evaluation Board
• How to use the MCP4728 Evaluation Board with the PICkit Serial Analyzer
1.2
DESCRIPTION OF THE MCP4728 EVALUATION BOARD
The purpose of the MCP4728 Evaluation Board is to provide an easy way of evaluating
the MCP4728’s performance and functionality with a minimum of work.
The MCP4728 Evaluation Board contains a MCP4728 (which is a 4-channel, 12-bit
Digital-to-Analog Converter), an interface connector for the PICkit Serial Analyzer, and
I2C test point terminals.The user can evaluate this board by using the PICkit Serial
Analyzer or by providing the I2C serial communication signals through the I2C test
terminals.
Using the MCP4728 Evaluation Board, the user can evaluate the functionality of the
MCP4728 device, such as: (a) Writing and reading the DAC registers and EEPROM of
each channel, (b) Selecting the reference voltage, (c) Measuring the DAC output
voltage, (d) Checking the LDAC pin feature, etc.
The MCP4728 Evaluation Board is designed to work friendly with the PICkit Serial
Analyzer (DV164122). The PICkit Serial Analyzer (P/N: DV164122) is used for writing
and reading the DAC configuration and register data. The PICkit Serial Analyzer
consists of hardware and PC GUI. It is highly recommended that the users order this
MCP4728 Evaluation Board and the PICkit Serial Analyzer at same time.
• The MCP4728 supports standard mode (100 kHz), fast mode (400 kHz), and high
speed mode (3.4 MHz) of the I2C serial communications. This evaluation board
has 5 k
Ω for the I2C pull-up resistors and supports up to the fast mode. If the user
needs to evaluate the device with high speed mode (3.4 MHz), please replace the
R1 and R2 with lower values (less than 1 k
Ω).
The MCP4728 Evaluation Board has test points for SDL, SDA, and DAC outputs. By
connecting an oscilloscope to these I2C test points, the user can examine the data
communications through the I2C™ bus line and observe the resulting analog output (at
VOUT terminals) using a multimeter. Refer to Appendix A. “Schematic and Layouts”.
Note:
The MCP4728 Evaluation Board can be used without the PICkit Serial
Analyzer as long as the VDD, SCL, and SDA are provided through the J1
connector. This board does not include MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com