| Electronic Components Datasheet Search |
|
MCP4728 Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4728 Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 50 page ![]() MCP4728 Evaluation Board User’s Guide DS51837A-page 6 © 2009 Microchip Technology Inc. FIGURE 1-1: Front View of the MCP4728 Evaluation Board. TABLE 1-1: TEST TERMINALS ON THE MCP4728 EVALUATION BOARD Test Terminals Description VOUT A DAC channel A output VOUT B DAC channel B output VOUT C DAC channel C output VOUT D DAC channel D output SCL This terminal is connected to the I2C SCL pin of the MCP4728. (See Note 1). SDA This terminal is connected to the I2C SDA pin of the MCP4728. (See Note 1). RDY/BUSY This terminal is used to monitor the RDY/BUSY pin of the MCP4728 device. LDAC Access terminal to the LDAC pin of the MCP4728. S1 Switch to change the logic input to the LDAC input pin. It provides logic “low” when pressed. JP1 Jumper to select the VDD source to the MCP4728 Evaluation Board. If it is connected, the VDD from the J1 connector is connected. If disconnected, it selects the VDD source from VDD1 terminal. JP2 Jumper to connect the LDAC pin to VSS. (You can disconnect this jumper when S1 is used.) VDD1 VDD monitoring or connection pin. If the VDD is provided from J1 connector (PICkit Serial Analyzer), then this test point monitors the VDD voltage. You can also connect a new VDD to this test terminal. GND Connected to common ground plane of the PC Board. Note 1: This terminal is used to monitor the SCL or SDA signals. You can also provide the SCL or SDA signals through these pins. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |